Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 11Page - Hynix Semiconductor HMS81032TL Datasheet HTML 12Page - Hynix Semiconductor HMS81032TL Datasheet HTML 13Page - Hynix Semiconductor HMS81032TL Datasheet HTML 14Page - Hynix Semiconductor HMS81032TL Datasheet HTML 15Page - Hynix Semiconductor HMS81032TL Datasheet HTML 16Page - Hynix Semiconductor HMS81032TL Datasheet HTML 17Page - Hynix Semiconductor HMS81032TL Datasheet HTML 18Page - Hynix Semiconductor HMS81032TL Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
HMS81004E/08E/16E/24E/32E
12
JUNE 2001 Ver 1.00
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Supply voltage ........................................... -0.3 to +5.0 V
Input Voltage .....................................-0.3 to VDD+0.3 V
Output Voltage ...................................-0.3 to VDD+0.3 V
Operating Temperature........................................ 0~70
°C
Storage Temperature ...................................... -65~150
°C
Power Dissipation................................................700 mA
Note: Stresses above those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of
the device at any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect device reliability.
7.2 Recommended Operating Conditions
7.3 DC Electrical Characteristics
(TA=-0~70°C, VDD=2.0~3.6V, GND=0V)
Parameter
Symbol
Condition
Specifications
Unit
Min.
Max.
Supply Voltage
VDD
fXIN=4MHz
2.0
3.6
V
Operating Frequency
fXIN
VDD=2.0~3.6V
1.0
4.0
MHz
Operating Temperature
TOPR
-0
+70
°C
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
High level
input Voltage
VIH1
R11,R12,R14,RESET
0.8 VDD
-
VDD
V
VIH2
R0,R1(except R11,R12,R14), R2
0.7 VDD
-
VDD
V
Low level
input Voltage
VIL1
R11,R12,R14,RESET
0-
0.2 VDD
V
VIL2
R0,R1(except R11,R12,R14), R2
0
-
0.3 VDD
V
Hign level input
Leakage Current
IIH
R0,R1,R2,RESET ,VIH= VDD
--
1
µA
Low level input
Leakage Current
IIL
R0,R1,R2,RESET (without pull-up),VIL= 0
--
-1
µA
High level
output Voltage
VOH1
R0, IOH=-0.5mA
VDD-0.4
-
-
V
VOH2
R1[6:0], R2, IOH=-1.0mA
VDD-0.4
-
-
V
VOH3
XIN, XOUT,IOH=-200µA
VDD-0.9
-
-
V
Low level
output Voltage
VOL1
R0, IOL=1mA
--
0.4
V
VOL2
R1, R2, IOL=5mA
--
0.8
V
VOL3
XIN, XOUT,IOL=200µA
--
0.8
V
Hign level output
Leakage Current
IOHL
R0,R1,R2, VOH= VDD
--
1
µA
Low level output
Leakage Current
IOLL
R0,R1,R2, VOL= 0
--
-1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com