Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 60 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 60 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 56Page - Hynix Semiconductor HMS81032TL Datasheet HTML 57Page - Hynix Semiconductor HMS81032TL Datasheet HTML 58Page - Hynix Semiconductor HMS81032TL Datasheet HTML 59Page - Hynix Semiconductor HMS81032TL Datasheet HTML 60Page - Hynix Semiconductor HMS81032TL Datasheet HTML 61Page - Hynix Semiconductor HMS81032TL Datasheet HTML 62Page - Hynix Semiconductor HMS81032TL Datasheet HTML 63Page - Hynix Semiconductor HMS81032TL Datasheet HTML 64Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
57
Release Factor
Release Method
RESETB
By RESETB Pin=Low level, Standby mode is releas and system is initialized
KSCN(Key Input)
Standby mode is released by low input of selected pin by key scan Input(SMRR0,SMRR1).
In case of interrupt mask enable flag= “0”, program executes just after standby instruction,
if flag= “1” enters each interrupt service routine.
INT1,INT2
When external interrupt (INT1,INT2)
enable flag is “1”, standby mode is released at the
rising edge of each terminal. When standby mode is released at interrupt. Mask Enable
flag= “0”, program executes from the next instruction of standby instruction. When “1”,
enters each interrupt service routine.
Basic Interval
Timer(IFBIT)
When B.I.T. is executed only by bit10 of prescaler(PS10), SLEEP mode can be released.
Interrupt release SLEEP mode , when BIT interrupt enable flag is “1”. When standby mode
is released at interrupt. Mask enable flag= “0”, program executes from the next instruction
of SLEEP instruction. When “1”, enters each interrupt service routine.
Table 15-2
Figure 15-2 Block Diagram of Standby Circuit
[SLEEP MODE]
Xin
SLEEP command
SLEEP mode
release by interrupt
RESET
Longer than 2 machine cycle
[STOP MODE]
Xin
STOP mode
release by interrupt
RESET
Stable OSC.time
Program setting time by CKCTLR
Longer than stabe OSC. Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com