Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 8Page - Hynix Semiconductor HMS81032TL Datasheet HTML 9Page - Hynix Semiconductor HMS81032TL Datasheet HTML 10Page - Hynix Semiconductor HMS81032TL Datasheet HTML 11Page - Hynix Semiconductor HMS81032TL Datasheet HTML 12Page - Hynix Semiconductor HMS81032TL Datasheet HTML 13Page - Hynix Semiconductor HMS81032TL Datasheet HTML 14Page - Hynix Semiconductor HMS81032TL Datasheet HTML 15Page - Hynix Semiconductor HMS81032TL Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
9
PIN NAME
INPUT/
OUTPUT
Function
@RESET
@STOP
R00
I/O
- Each bit of the port can be individually configured as
an input or an output by user software
- Push-pull output
- CMOS input with pull-up resister (option)
- Can be programmable as key scan input
- Pull-up resisters are automatically disabled at output
mode
INPUT
State of
before
Stop
R01
I/O
R02
I/O
R03
I/O
R04
I/O
R05
I/O
R06
I/O
R07
I/O
R10
I/O
- Each bit of the port can be individually configured as
an input or an output by user software
- Push-pull output
- CMOS input with pull-up resister (option)
- Can be programmable as key scan input or open
drain output
- Pull-up resisters are automatically disabled at output
mode
- Direct driving of LED(N-Tr.)
INPUT
State of
before
Stop
R11/INT1
I/O
R12/INT2
I/O
R13
I/O
R14/EC
I/O
R15/T2
I/O
R16/T1
I/O
R17/T0
I/O
R20
I/O
- Each bit of the port can be individually configured as
an input or an output by user software
- Push-pull output
- CMOS input with pull-up resister (option)
- Pull-up resisters are automatically disabled at output
mode
- Direct driving of LED(N-Tr.)
INPUT
State of
before
Stop
R21
I/O
R22
I/O
R23
I/O
R24
I/O
XIN
I
Oscillator input
Low
XOUT
O
Oscillator output
High
REMOUT
O
High current output
‘L’ output
‘L’ output
RESET
I
Includes pull-up resistor
‘L’ level
state of
before stop
TEST
I
Includes pull-up resistor
VDD
P
Positive power supply
VSS
P
Groud



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com