Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 29Page - Hynix Semiconductor HMS81032TL Datasheet HTML 30Page - Hynix Semiconductor HMS81032TL Datasheet HTML 31Page - Hynix Semiconductor HMS81032TL Datasheet HTML 32Page - Hynix Semiconductor HMS81032TL Datasheet HTML 33Page - Hynix Semiconductor HMS81032TL Datasheet HTML 34Page - Hynix Semiconductor HMS81032TL Datasheet HTML 35Page - Hynix Semiconductor HMS81032TL Datasheet HTML 36Page - Hynix Semiconductor HMS81032TL Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
HMS81004E/08E/16E/24E/32E
30
JUNE 2001 Ver 1.00
9. I/O PORTS
The HMS81004E/08E/16E/24E/32E has 24 I/O ports
which are PORT0(8 I/O), PORT1 (8 I/O), PORT2 (8 I/O).
Pull-up resistor of each port can be selectable by program.
Each port contains data direction register which controls I/
O and data register which stores port data.
9.1 R0 Ports
R0 is an 8-bit CMOS bidirectional I/O port (address
0C0H). Each I/O pin can independently used as an input or
an output through the R0DD register (address 0C1H).
R0 has internal pull-ups that is independently connected or
disconnected by R0PC. The control registers for R0 are
shown below.
(1) R0 I/O Data Direction Register (R0DD)
R0 I/O Data Direction Register (R0DD) is 8-bit register,
and can assign input state or output state to each bit. If
R0DD is “1”, port R0 is in the output state, and if “0”, it is
in the input state. R0DD is write-only register. Since
R0DD is initialized as “00h” in reset state, the whole port
R0 becomes input state.
(2) R0 Data Register (R0)
R0 data register (R0) is 8-bit register to store data of port
R0. When set as the output state by R0DD, and data is writ-
ten in R0, data is outputted into R0 pin. When set as the in-
put state, input state of pin is read. The initial value of R0
is unknown in reset state.
(3) R0 Open drain Assign Register (R0ODC)
R0 Open Drain Assign Register (R0ODC) is 8bit register,
and can assign R0 port as open drain output port each bit,
if corresponding port is selected as output. If R0ODC is
selected as “1”, port R0 is open drain output, and if select-
ed as, “0” it is push-pull output. R0ODC is write-only reg-
ister and initialized as “00h” in reset state.
(4) R0 Pull-up Control Register (R0PC)
R0 Pull-up Control Register (R0PC) is 8-bit register and
can control pull-up on or off each bit, if corresponding port
is selected as input. If R0PC is selected as “1”, pull-up ia
disabled and if selected as “0”, it is enabled. R0PC is write-
only register and initialized as “00h” in reset state. The
pull-up is automatically disabled, if corresponding port is
selected as output.
9.2 R1 Ports
R1 is an 8-bit CMOS bidirectional I/O port (address
0C2H). Each I/O pin can independently used as an input or
an output through the R1DD register (address 0C3H).
R1 has internal pull-ups that is independently connected or
disconnected by register R1PC. The control registers for
R1 are shown below.
R0 Data Register (R/W)
R0
ADDRESS : 0C0H
RESET VALUE : Undefined
R07 R06 R05 R04 R03 R02 R01 R00
Port Direction
R0 Direction Register (W)
R0DD
ADDRESS : 0C1H
RESET VALUE : 00H
0: Input
1: Output
Pull-up select
R0 Pull-up Control Register (W)
R0PC
ADDRESS :0F8H
RESET VALUE : 00H
1: Without pull-up
0: With pull-up
Open drain select
R0 Open drain Assign Register (W)
R0ODC
ADDRESS :0E4H
RESET VALUE : 00H
0: Push-pull
1: Open drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com