Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 36Page - Hynix Semiconductor HMS81032TL Datasheet HTML 37Page - Hynix Semiconductor HMS81032TL Datasheet HTML 38Page - Hynix Semiconductor HMS81032TL Datasheet HTML 39Page - Hynix Semiconductor HMS81032TL Datasheet HTML 40Page - Hynix Semiconductor HMS81032TL Datasheet HTML 41Page - Hynix Semiconductor HMS81032TL Datasheet HTML 42Page - Hynix Semiconductor HMS81032TL Datasheet HTML 43Page - Hynix Semiconductor HMS81032TL Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
HMS81004E/08E/16E/24E/32E
JUNE 2001 Ver 1.00
37
Figure 11-2 CKCTLR AND BITR
BTS[2:0]
CPU Source clock
B.I.T. Input
clock@4Mhz(us)
Standby release
time(ms)
000
001
010
011
100
101
110
111
÷ 8
÷16
÷32
÷64
÷128
÷256
÷512
÷1024
2
4
8
16
32
64
128
256
0.512
1.024
2.048
4.096
8.192
16.384
32.768
65.536
BTCL
76
54
32
1
0
-
-
BTS1
Basic Interval Timer source clock select
000: fXIN ÷ 8
001: fXIN ÷ 16
010: fXIN ÷ 32
011: fXIN ÷ 64
100: fXIN ÷ 128
101: fXIN ÷ 256
110: fXIN ÷ 512
111: fXIN ÷ 1024
Clear bit
0: Normal operation, free-run
1: Clear 8-bit counter (BITR) to “0” and count up again.
INITAIL VALUE: --110111B
ADDRESS: 0C7H
CKCTLR
INITIAL VALUE: Undefined
ADDRESS: 0C7H
BITR
Both register are in same address,
when write, to be a CKCTLR,
when read, to be a BITR.
Caution:
8-BIT FREE-RUN BINARY COUNTER
BTS0
BTS2
BTCL
BTCL
76
54
32
10
R
WW
W
W
W
RR
R
RR
R
R
ENPCK
This bit becomes to “0” automatically after one machine cycle.
Periphral clock
0:stopped
1:provided
WDTON
W
Watch Dog Timer function control
0:6bit timer
1:Watch Dog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com