Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS81032TL Datasheet(PDF) 57 Page - Hynix Semiconductor

Part # HMS81032TL
Description  HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS81032TL Datasheet(HTML) 57 Page - Hynix Semiconductor

Back Button HMS81032TL Datasheet HTML 53Page - Hynix Semiconductor HMS81032TL Datasheet HTML 54Page - Hynix Semiconductor HMS81032TL Datasheet HTML 55Page - Hynix Semiconductor HMS81032TL Datasheet HTML 56Page - Hynix Semiconductor HMS81032TL Datasheet HTML 57Page - Hynix Semiconductor HMS81032TL Datasheet HTML 58Page - Hynix Semiconductor HMS81032TL Datasheet HTML 59Page - Hynix Semiconductor HMS81032TL Datasheet HTML 60Page - Hynix Semiconductor HMS81032TL Datasheet HTML 61Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 77 page
background image
HMS81004E/08E/16E/24E/32E
54
JUNE 2001 Ver 1.00
Standby release level control register (SRLC) can select
the key scan input level “L” or “H” for standby release by
each bit pin (R0, R1). Standby release level control register
(SRLC) is write-only register and initialized as “00h” in re-
set state.
Figure 14-9 Block Diagram of Key Scan Block
BTCL
7654
3210
INITIAL VALUE: 00H
ADDRESS: 0DCH
SMRR0
W
KR 07
R03
R02
R0 1
R04
R05
R06
R07
R0 0
R0 PORT LOGIC
R13
R12
R1 1
R14
R15
R16
R17
R1 0
SMRR0
SRLC0
R1 PORT LOGIC
SMRR1
SRLC1
Internal
Key Scan
Input
W
W
W
W
W
W
W
KR 06
KR 05
K R 04
KR 03
KR 02
KR 01
KR 00
KR 0*
1: Select
0: N o S elect
BTCL
7654
3210
INITIAL VALUE: 00H
ADDRESS: 0DDH
SMRR1
W
KR 17
W
W
W
W
W
W
W
KR 16
KR 15
K R 14
KR 13
KR 12
KR 11
KR 10
KR 1*
1: Select
0: N o S elect
BTCL
7654
3210
INITIAL VALUE: 00H
ADDRESS: 0F6H
SRLC0
W
KLR 07
W
W
W
W
W
W
W
K LR 06 KLR 05
KLR 04 KLR 03 K LR 02 K LR01 K LR 00
KLR 0*
1: H igh
0: Low
BTCL
765
43210
INITIAL VALUE: 00H
ADDRESS: 0F7H
SRLC1
W
KLR 17
W
W
W
W
W
W
W
K LR 16 K LR 15
KLR 14 K LR 13 K LR 12 KLR 11 KLR10
KLR 1*
1: H igh
0: Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com