Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 8 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 8 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 4Page - Intel Corporation 28F004SC Datasheet HTML 5Page - Intel Corporation 28F004SC Datasheet HTML 6Page - Intel Corporation 28F004SC Datasheet HTML 7Page - Intel Corporation 28F004SC Datasheet HTML 8Page - Intel Corporation 28F004SC Datasheet HTML 9Page - Intel Corporation 28F004SC Datasheet HTML 10Page - Intel Corporation 28F004SC Datasheet HTML 11Page - Intel Corporation 28F004SC Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
8
PRELIMINARY
Table 3. Pin Descriptions (Continued)
Sym
Type
Name and Function
WE#
INPUT
WRITE ENABLE: Controls writes to the CUI and array blocks. Addresses and data
are latched on the rising edge of the WE# pulse.
RY/BY#
OUTPUT READY/BUSY#: Indicates the status of the internal WSM. When low, the WSM is
performing an internal operation (block erase, program, or lock-bit configuration).
RY/BY#-high indicates that the WSM is ready for new commands, block erase or
program is suspended, or the device is in deep power-down mode. RY/BY# is
always active.
VPP
SUPPLY BLOCK ERASE, PROGRAM, LOCK-BIT CONFIGURATION POWER SUPPLY:
For erasing array blocks, programming data, or configuring lock-bits.
SmartVoltage Flash
→ 3.3 V, 5 V, and 12 V VPP
With VPP
≤ VPPLK, memory contents cannot be altered. Block erase, program, and
lock-bit configuration with an invalid VPP (see DC Characteristics) produce spurious
results and should not be attempted.
VCC
SUPPLY DEVICE POWER SUPPLY: Internal detection automatically configures the device
for optimized read performance. Do not float any power pins.
SmartVoltage Flash
→ 2.7 V (Read-Only), 3.3 V, and 5 V VCC
With VCC
≤ VLKO, all write attempts to the flash memory are inhibited. Device
operations at invalid VCC voltages (see DC Characteristics) produce spurious
results and should not be attempted. Block erase, program, and lock-bit
configuration operations with VCC < 3.0 V are not supported.
GND
SUPPLY GROUND: Do not float any ground pins.
NC
NO CONNECT: Lead is not internally connected; it may be driven or floated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com