Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 31 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 31 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 27Page - Intel Corporation 28F004SC Datasheet HTML 28Page - Intel Corporation 28F004SC Datasheet HTML 29Page - Intel Corporation 28F004SC Datasheet HTML 30Page - Intel Corporation 28F004SC Datasheet HTML 31Page - Intel Corporation 28F004SC Datasheet HTML 32Page - Intel Corporation 28F004SC Datasheet HTML 33Page - Intel Corporation 28F004SC Datasheet HTML 34Page - Intel Corporation 28F004SC Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
31
PRELIMINARY
6.4
DC Characteristics—Commercial Temperature
2.7V VCC 3.3V VCC
5V VCC
Test
Sym
Parameter
Notes Typ Max Typ Max Typ Max Unit
Conditions
ILI
Input Load Current
1
±0.5
±0.5
±1 µAVCC = VCC Max, VIN = VCC or GND
ILO
Output Leakage Current
1
±0.5
±0.5
±10 µAVCC = VCC Max, VOUT = VCC or GND
ICCS
VCC Standby Current
1,3,6
20
100
20
100
25
100
µA CMOS Inputs
VCC = VCC Max
CE# = RP# = VCC ± 0.2 V
0.1
2
0.2
2
0.4
2
mA TTL Inputs
VCC = VCC Max, CE# = RP# = VIH
ICCD
VCC Deep Power-
Down Current
110
10
10
µA RP# = GND ± 0.2 V
IOUT (RY/BY#) = 0 mA
ICCR
VCC Read Current
1,5,6
6
12
7
12
17
35
mA CMOS Inputs
VCC = VCC Max, CE# = GND
f = 5 MHz (2.7 V, 3.3 V), 8 MHz (5 V)
IOUT = 0 mA
7
18
8
18
20
50
mA TTL Inputs
VCC = VCC Max, CE# = GND
f = 5 MHz (2.7 V, 3.3 V), 8 MHz (5 V)
IOUT = 0 mA
ICCW VCC Program or
1,7

17
 mA VPP = 3.3 V ± 0.3 V
Set Lock-Bit Current

17
35
mA VPP = 5 V ± 10%

12
30
mA VPP = 12 V ± 5%
ICCE
VCC Block Erase or
1,7

17
 mA VPP = 3.3 V ± 0.3 V
Clear Block

17
30
mA VPP = 5 V ± 10%
Lock-Bits Current

12
25
mA VPP = 12 V ± 5%
ICCWS
ICCES
VCC Program or Block
Erase Suspend Current
1,2

1
6
1
10
mA CE# = VIH
IPPS
VPP Standby Current
1
±2
±15
±2
±15
± 2
±15
µA VPP ≤ VCC
IPPR
VPP Read Current
1
10
200
10
200
10
200
µA VPP > VCC
IPPD
VPP Deep Power-Down
Current
1
0.1
5
0.1
5
0.1
5
µA RP# = GND ± 0.2 V
IPPW VPP Program/ Set
1,7

40
 mA VPP = 3.3 V ± 0.3 V
Lock-Bit Current

40
40
mA VPP = 5 V ± 10%

15
15
mA VPP = 12 V ± 5%
IPPE
VPP Block Erase/Clear
1,7

20
 mA VPP = 3.3 V ± 0.3 V
Block Lock-Bits

20
20
mA VPP = 5 V ± 10%
Current

15
15
mA VPP = 12 V ± 5%
IPPWS
IPPES
VPP Program/ Block Erase
Suspend Current
1

10
200
10
200
µA VPP = VPPH1/2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com