Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 29 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 29 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 25Page - Intel Corporation 28F004SC Datasheet HTML 26Page - Intel Corporation 28F004SC Datasheet HTML 27Page - Intel Corporation 28F004SC Datasheet HTML 28Page - Intel Corporation 28F004SC Datasheet HTML 29Page - Intel Corporation 28F004SC Datasheet HTML 30Page - Intel Corporation 28F004SC Datasheet HTML 31Page - Intel Corporation 28F004SC Datasheet HTML 32Page - Intel Corporation 28F004SC Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
29
PRELIMINARY
5.7
VPP Program and Erase
Voltages on Sub-0.4µ SC
Memory Family
Intel's SmartVoltage FlashFile™ memory family
provides in-system program/erase at 3.3 V VPP and
5V VPP as well as faster factory program/erase at
12 V VPP.
Future sub-0.4µ lithography SmartVoltage FlashFile
memory products will also include a backward-
compatible 12 V programming feature. This mode,
however, is not intended for extended use. A 12 V
program/erase VPP can be applied for 1000 cycles
maximum per block or 80 hours maximum per
device. To ensure compatibility with future sub-0.4µ
SmartVoltage FlashFile memory products, present
designs should not permanently connect VPP to
12 V. This will avoid device over-stressing that may
cause permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com