Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 14 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 14 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 10Page - Intel Corporation 28F004SC Datasheet HTML 11Page - Intel Corporation 28F004SC Datasheet HTML 12Page - Intel Corporation 28F004SC Datasheet HTML 13Page - Intel Corporation 28F004SC Datasheet HTML 14Page - Intel Corporation 28F004SC Datasheet HTML 15Page - Intel Corporation 28F004SC Datasheet HTML 16Page - Intel Corporation 28F004SC Datasheet HTML 17Page - Intel Corporation 28F004SC Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
14
PRELIMINARY
000000
Block 0
Master Lock Configuration
000001
000002
000003
010000
010002
00FFFF
Device Code
Block 0 Lock Configuration
Manufacturer Code
Reserved For
Future Implementation
Block 1
Block 1 Lock Configuration
Reserved for
Future Implementation
01FFFF
Reserved for
Future Implementation
1F0000
1F0002
Block 31 Lock Configuration
Reserved for
Future Implementation
1FFFFF
Block 31
(Blocks 16 through 30)
(Blocks 8 through 14)
(Blocks 2 through 14)
070000
070002
Block 7
Block 7 Lock Configuration
Reserved for
Future Implementation
07FFFF
Reserved for
Future Implementation
0F0000
0F0002
Block 15
Block 15 Lock Configuration
Reserved for
Future Implementation
0FFFFF
8-Mbit
16-Mbit
4-Mbit
Reserved for
Future Implementation
Reserved for
Future Implementation
Figure 6. Device Identifier Code Memory Map
3.5
Read Identifier Codes
Operation
The read identifier codes operation outputs the
manufacturer
code,
device
code,
block
lock
configuration codes for each block, and master lock
configuration code (see Figure 6). Using the
manufacturer
and
device
codes,
the
system
software can automatically match the device with its
proper algorithms. The block lock and master lock
configuration codes identify locked and unlocked
blocks and master lock-bit setting.
3.6
Write
The CUI does not occupy an addressable memory
location. It is written when WE# and CE# are active
and OE# = VIH. The address and data needed to
execute a command are latched on the rising edge
of WE# or CE# (whichever goes high first).
Standard microprocessor write timings are used.
Figure 18 illustrates a write operation.
4.0
COMMAND DEFINITIONS
When the VPP voltage
≤ VPPLK, read operations
from the status register, identifier codes, or blocks
are enabled. Placing VPPH1/2/3 on VPP enables
successful block erase, program, and lock-bit
configuration operations.
Device operations are selected by writing specific
commands into the CUI. Table 4 defines these
commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com