| Electronic Components Datasheet Search |
|
28F004SC Datasheet(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F004SC Datasheet(HTML) 3 Page - Intel Corporation |
|
3 / 42 page ![]() E BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY 3 PRELIMINARY CONTENTS PAGE PAGE 1.0 INTRODUCTION .............................................5 1.1 New Features...............................................5 1.2 Product Overview.........................................5 1.3 Pinout and Pin Description ...........................6 2.0 PRINCIPLES OF OPERATION .....................12 2.1 Data Protection ..........................................13 3.0 BUS OPERATION .........................................13 3.1 Read ..........................................................13 3.2 Output Disable ...........................................13 3.3 Standby......................................................13 3.4 Deep Power-Down .....................................13 3.5 Read Identifier Codes Operation ................14 3.6 Write ..........................................................14 4.0 COMMAND DEFINITIONS ............................14 4.1 Read Array Command................................17 4.2 Read Identifier Codes Command ...............17 4.3 Read Status Register Command................17 4.4 Clear Status Register Command................17 4.5 Block Erase Command ..............................17 4.6 Program Command....................................18 4.7 Block Erase Suspend Command................18 4.8 Program Suspend Command .....................19 4.9 Set Block and Master Lock-Bit Commands 19 4.10 Clear Block Lock-Bits Command ..............20 5.0 DESIGN CONSIDERATIONS ........................28 5.1 Three-Line Output Control..........................28 5.2 RY/BY# Hardware Detection ......................28 5.3 Power Supply Decoupling ..........................28 5.4 VPP Trace on Printed Circuit Boards...........28 5.5 VCC, VPP, RP# Transitions .........................28 5.6 Power-Up/Down Protection ........................28 5.7 VPP Program and Erase Voltages on Sub- 0.4µ SC Memory Family............................29 6.0 ELECTRICAL SPECIFICATIONS..................30 6.1 Absolute Maximum Ratings ........................30 6.2 Commercial Temperature Operating Conditions .................................................30 6.3 Capacitance ...............................................30 6.4 DC Characteristics—Commercial Temperature..............................................31 6.5 AC Characteristics—Read-Only Operations—Commercial Temperature .....35 6.6 AC Characteristics—Write Operations— Commercial Temperature ..........................37 6.7 Block Erase, Program, and Lock-Bit Configuration Performance—Commercial Temperature..............................................39 6.8 Extended Temperature Operating Conditions .................................................40 6.9 DC Characteristics—Extended Temperature..............................................40 6.10 AC Characteristics—Read-Only Operations — Extended Temperature .........................40 7.0 ORDERING INFORMATION..........................41 8.0 ADDITIONAL INFORMATION .......................42 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |