Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 9 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 9 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 5Page - Intel Corporation 28F004SC Datasheet HTML 6Page - Intel Corporation 28F004SC Datasheet HTML 7Page - Intel Corporation 28F004SC Datasheet HTML 8Page - Intel Corporation 28F004SC Datasheet HTML 9Page - Intel Corporation 28F004SC Datasheet HTML 10Page - Intel Corporation 28F004SC Datasheet HTML 11Page - Intel Corporation 28F004SC Datasheet HTML 12Page - Intel Corporation 28F004SC Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
9
PRELIMINARY
28F004SC
28F008SC
28F016SC
NC
CE#
RP#
A18
A13
A17
A14
A16
A15
A12
A11
A10
A9
A8
A7
A6
A5
A4
VCC
VPP
NC
WE#
OE#
RY/BY#
GND
GND
DQ6
DQ7
DQ5
A0
A1
A2
A3
DQ3
DQ2
DQ1
DQ0
NC
VCC
A19
A19
DQ4
A20
40-LEAD TSOP
STANDARD PINOUT
10 mm x 20 mm
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
40
39
38
37
36
35
34
33
CE#
RP#
A18
A13
A17
A14
A16
A15
A12
A11
A10
A9
A8
A7
A6
A5
A4
VCC
VPP
CE#
RP#
A18
A13
A17
A14
A16
A15
A12
A11
A10
A9
A8
A7
A6
A5
A4
VCC
VPP
NC
WE#
OE#
RY/BY#
GND
GND
DQ6
DQ7
DQ5
A0
A1
A2
A3
DQ3
DQ2
DQ1
DQ0
NC
VCC
DQ4
NC
WE#
OE#
RY/BY#
GND
GND
DQ6
DQ7
DQ5
A0
A1
A2
A3
DQ3
DQ2
DQ1
DQ0
VCC
DQ4
Figure 2. TSOP 40-Lead Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com