Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 7 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 7 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 3Page - Intel Corporation 28F004SC Datasheet HTML 4Page - Intel Corporation 28F004SC Datasheet HTML 5Page - Intel Corporation 28F004SC Datasheet HTML 6Page - Intel Corporation 28F004SC Datasheet HTML 7Page - Intel Corporation 28F004SC Datasheet HTML 8Page - Intel Corporation 28F004SC Datasheet HTML 9Page - Intel Corporation 28F004SC Datasheet HTML 10Page - Intel Corporation 28F004SC Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
7
PRELIMINARY
4-Mbit: A - A
,
8-Mbit: A - A
,
16-Mbit: A - A
0
18
0
19
020
Input
Buffer
Output
Buffer
Identifier
Register
Status
Register
Command
Register
I/O Logic
Data
Comparator
Input
Buffer
Address
Latch
Address
Counter
Y
Decoder
X
Decoder
Y Gating
4-Mbit: Eight
8-Mbit: Sixteen
16-Mbit: Thirty-Two
64-Kbyte Blocks
Write State
Machine
Program/Erase
Voltage Switch
CE#
WE#
OE#
RP#
RY/BY#
V
V
GND
DQ - DQ
PP
CC
VCC
07
Figure 1. Block Diagram
Table 2. Pin Descriptions
Sym
Type
Name and Function
A0–A20
INPUT
ADDRESS INPUTS: Inputs for addresses during read and write operations.
Addresses are internally latched during a write cycle.
4 Mbit
→ A
0–A18
8 Mbit
→ A
0–A19
16 Mbit
→ A
0–A20
DQ0–DQ7
INPUT/
OUTPUT
DATA INPUT/OUTPUTS: Inputs data and commands during CUI write cycles;
outputs data during memory array, status register, and identifier code read cycles.
Data pins float to high-impedance when the chip is deselected or outputs are
disabled. Data is internally latched during a write cycle.
CE#
INPUT
CHIP ENABLE: Activates the device’s control logic, input buffers, decoders, and
sense amplifiers. CE#-high deselects the device and reduces power consumption to
standby levels.
RP#
INPUT
RESET/DEEP POWER-DOWN: When driven low, RP# inhibits write operations
which provides data protection during power transitions, puts the device in deep
power-down mode, and resets internal automation. RP#-high enables normal
operation. Exit from deep power-down sets the device to read array mode.
RP# at VHH enables setting of the master lock-bit and enables configuration of block
lock-bits when the master lock-bit is set. RP# = VHH overrides block lock-bits,
thereby enabling block erase and program operations to locked memory blocks.
Block erase, program, or lock-bit configuration with VIH < RP# < VHH produce
spurious results and should not be attempted.
OE#
INPUT
OUTPUT ENABLE: Gates the device’s outputs during a read cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com