Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 1 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 1 Page - Intel Corporation

  28F004SC Datasheet HTML 1Page - Intel Corporation 28F004SC Datasheet HTML 2Page - Intel Corporation 28F004SC Datasheet HTML 3Page - Intel Corporation 28F004SC Datasheet HTML 4Page - Intel Corporation 28F004SC Datasheet HTML 5Page - Intel Corporation 28F004SC Datasheet HTML 6Page - Intel Corporation 28F004SC Datasheet HTML 7Page - Intel Corporation 28F004SC Datasheet HTML 8Page - Intel Corporation 28F004SC Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
E
PRELIMINARY
December 1997
Order Number: 290600-003
n SmartVoltage Technology
2.7 V (Read-Only), 3.3 V or 5 V VCC
and 3.3 V, 5 V, or 12 V VPP
n High-Performance
4, 8 Mbit 85 ns Read Access Time
16 Mbit 95 ns Read Access Time
n Enhanced Data Protection Features
Absolute Protection with VPP = GND
Flexible Block Locking
Block Write Lockout during Power
Transitions
n Enhanced Automated Suspend Options
Program Suspend to Read
Block Erase Suspend to Program
Block Erase Suspend to Read
n Industry-Standard Packaging
40-Lead TSOP, 44-Lead PSOP
and 40 Bump
µBGA* CSP
n High-Density 64-Kbyte Symmetrical
Erase Block Architecture
4 Mbit: Eight Blocks
8 Mbit: Sixteen Blocks
16 Mbit: Thirty-Two Blocks
n Extended Cycling Capability
100,000 Block Erase Cycles
n Low Power Management
Deep Power-Down Mode
Automatic Power Savings Mode
Decreases ICC in Static Mode
n Automated Program and Block Erase
Command User Interface
Status Register
n SRAM-Compatible Write Interface
n ETOX™ V Nonvolatile Flash
Technology
Intel’s byte-wide SmartVoltage FlashFile™ memory family renders a variety of density offerings in the same
package. The 4-, 8-, and 16-Mbit byte-wide FlashFile memories provide high-density, low-cost, nonvolatile,
read/write storage solutions for a wide range of applications. Their symmetrically-blocked architecture, flexible
voltage, and extended cycling provide highly flexible components suitable for resident flash arrays, SIMMs,
and memory cards. Enhanced suspend capabilities provide an ideal solution for code or data storage
applications. For secure code storage applications, such as networking, where code is either directly
executed out of flash or downloaded to DRAM, the 4-, 8-, and 16-Mbit FlashFile memories offer three levels
of protection: absolute protection with VPP at GND, selective hardware block locking, or flexible software
block locking. These alternatives give designers ultimate control of their code security needs.
This family of products is manufactured on Intel’s 0.4
µm ETOX™ V process technology. They come in
industry-standard packages: the 40-lead TSOP, ideal for board-constrained applications, and the rugged
44-lead PSOP. Based on the 28F008SA architecture, the byte-wide SmartVoltage FlashFile memory family
enables quick and easy upgrades for designs that demand state-of-the-art technology.
BYTE-WIDE
SmartVoltage FlashFile™ MEMORY FAMILY
4, 8, AND 16 MBIT
28F004SC, 28F008SC, 28F016SC
Includes Commercial and Extended Temperature Specifications


Similar Part No. - 28F004SC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
More results

Similar Description - 28F004SC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SCH SHARP-LH28F016SCH Datasheet
1Mb / 43P
16-MBIT(2 MB x 8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F004S3 INTEL-28F004S3 Datasheet
703Kb / 41P
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F004S5 INTEL-28F004S5 Datasheet
611Kb / 37P
BYTE-WIDE SMART 5 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F160S3 INTEL-28F160S3 Datasheet
1Mb / 52P
WORD-WIDE FlashFile MEMORY FAMILY
28F160S5 INTEL-28F160S5 Datasheet
1Mb / 50P
WORD-WIDE FlashFile MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com