Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 37 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 37 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 33Page - Intel Corporation 28F004SC Datasheet HTML 34Page - Intel Corporation 28F004SC Datasheet HTML 35Page - Intel Corporation 28F004SC Datasheet HTML 36Page - Intel Corporation 28F004SC Datasheet HTML 37Page - Intel Corporation 28F004SC Datasheet HTML 38Page - Intel Corporation 28F004SC Datasheet HTML 39Page - Intel Corporation 28F004SC Datasheet HTML 40Page - Intel Corporation 28F004SC Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
E
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
37
PRELIMINARY
6.6
AC Characteristics—Write Operations(1,2)—Commercial Temperature
TA = 0°C to +70°C
5 V ± 5%,
5 V ± 10% VCC
Valid for All
Speeds
Versions
3.3 V ± 0.3 V,
2.7 V
−3.6 V VCC
Valid for All
Speeds
Unit
#
Sym
Parameter
Notes
Min
Max
Min
Max
W1
tPHWL (tPHEL)
RP# High Recovery to WE# (CE#) Going
Low
31
1µs
W2
tELWL (tWLEL)
CE# (WE#) Setup to WE# (CE#) Going
Low
70
0ns
W3
tWP
Write Pulse Width
7
50
70
ns
W4
tDVWH (tDVEH)
Data Setup to WE# (CE#) Going High
4
40
50
ns
W5
tAVWH (tAVEH)
Address Setup to WE# (CE#) Going High
4
40
50
ns
W6
tWHEH (tEHWH)
CE# (WE#) Hold from WE# (CE#) High
0
0ns
W7
tWHDX (tEHDX)
Data Hold from WE# (CE#) High
5
5ns
W8
tWHAX (tEHAX)
Address Hold from WE# (CE#) High
5
5ns
W9
tWPH
Write Pulse Width High
9
25
25
ns
W10 tPHHWH (tPHHEH) RP# VHH Setup to WE# (CE#) Going High
3,8
100
100
ns
W11 tVPWH (tVPEH)VPP Setup to WE# (CE#) Going High
3,8
100
100
ns
W12 tWHGL (tEHGL)
Write Recovery before Read
0
0ns
W13 tWHRL (tEHRL)
WE# (CE#) High to RY/BY# Going Low
8
90
90
ns
W14 tQVPH
RP# VHH Hold from Valid SRD, RY/BY#
High
3,5,8
0
0ns
W15 tQVVL
VPP Hold from Valid SRD, RY/BY# High
3,5,8
0
0ns
NOTES:
1.
Read timing characteristics during block erase, program, and lock-bit configuration operations are the same as during
read-only operations. Refer to AC Characteristics for read-only operations.
2.
A write operation can be initiated and terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Refer to Table 4 for valid AIN and DIN for block erase, program, or lock-bit configuration.
5.
VPP should be held at VPPH1/2/3 (and if necessary RP# should be held at VHH) until determination of block erase, program,
or lock-bit configuration success (SR.1/3/4/5 = 0).
6.
See Ordering Information for device speeds (valid operational combinations).
7.
Write pulse width (tWP) is defined from CE# or WE# going low (whichever goes low last) to CE# or WE# going high
(whichever goes high first). Hence, tWP = tWLWH = tELEH = tWLEH = tELWH. If CE# is driven low 10 ns before WE# going low,
WE# pulse width requirement decreases to tWP – 10 ns for 5 V VCC and tWP – 20 ns for 2.7 V and 3.3 V VCC writes.
8.
Block erase, program, and lock-bit configuration with VCC < 3.0 V should not be attempted.
9.
Write pulse width high (tWPH) is defined from CE# or WE# going high (whichever goes high first) to CE# or WE# going low
(whichever goes low last). Hence, tWPH = tWHWL = tEHEL = tWHEL = tEHWL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com