Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 6 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 6 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 2Page - Intel Corporation 28F004SC Datasheet HTML 3Page - Intel Corporation 28F004SC Datasheet HTML 4Page - Intel Corporation 28F004SC Datasheet HTML 5Page - Intel Corporation 28F004SC Datasheet HTML 6Page - Intel Corporation 28F004SC Datasheet HTML 7Page - Intel Corporation 28F004SC Datasheet HTML 8Page - Intel Corporation 28F004SC Datasheet HTML 9Page - Intel Corporation 28F004SC Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
6
PRELIMINARY
A block erase operation erases one of the device’s
64-Kbyte
blocks
typically
within
1
second
(5 V VCC, 12 V VPP), independent of other blocks.
Each block can be independently erased 100,000
times (1.6 million block erases per device). A block
erase suspend operation allows system software to
suspend block erase to read data from or write data
to any other block.
Data is programmed in byte increments typically
within 6
µs (5 V VCC, 12 V VPP). A program
suspend operation permits system software to read
data or execute code from any other flash memory
array location.
To protect programmed data, each block can be
locked. This block locking mechanism uses a
combination of bits, block lock-bits and a master
lock-bit, to lock and unlock individual blocks. The
block lock-bits gate block erase and program
operations, while the master lock-bit gates block
lock-bit configuration operations. Lock-bit config-
uration operations (Set Block Lock-Bit, Set Master
Lock-Bit, and Clear Block Lock-Bits commands) set
and clear lock-bits.
The status register and RY/BY# output indicate
whether or not the device is busy executing or
ready for a new command. Polling the status
register, system software retrieves WSM feedback.
The RY/BY# output gives an additional indicator of
WSM activity by providing a hardware status signal.
Like the status register, RY/BY#-low indicates that
the WSM is performing a block erase, program, or
lock-bit
configuration
operation.
RY/BY#-high
indicates that the WSM is ready for a new
command, block erase is suspended (and program
is inactive), program is suspended, or the device is
in deep power-down mode.
The Automatic
Power
Savings
(APS)
feature
substantially reduces active current when the
device is in static mode (addresses not switching).
In APS mode, the typical ICCR current is 1 mA at
5 V VCC.
When CE# and RP# pins
are at
VCC, the
component enters a CMOS standby mode. Driving
RP# to GND enables a deep power-down mode
which significantly reduces power consumption,
provides write protection, resets the device, and
clears the status register. A reset time (tPHQV) is
required from RP# switching high until outputs are
valid. Likewise, the device has a wake time (tPHEL)
from
RP#-high
until
writes
to
the
CUI
are
recognized.
1.3
Pinout and Pin Description
The family of devices is available in 40-lead TSOP
(Thin Small Outline Package, 1.2 mm thick) and
44-lead PSOP (Plastic Small Outline Package) and
40-bump
µBGA* CSP (28F008SC and 28F016SC
only). Pinouts are shown in Figures 2, 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com