Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28F004SC Datasheet(PDF) 18 Page - Intel Corporation

Part # 28F004SC
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F004SC Datasheet(HTML) 18 Page - Intel Corporation

Back Button 28F004SC Datasheet HTML 14Page - Intel Corporation 28F004SC Datasheet HTML 15Page - Intel Corporation 28F004SC Datasheet HTML 16Page - Intel Corporation 28F004SC Datasheet HTML 17Page - Intel Corporation 28F004SC Datasheet HTML 18Page - Intel Corporation 28F004SC Datasheet HTML 19Page - Intel Corporation 28F004SC Datasheet HTML 20Page - Intel Corporation 28F004SC Datasheet HTML 21Page - Intel Corporation 28F004SC Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
18
PRELIMINARY
When the block erase is complete, status register
bit SR.5 should be checked. If a block erase error is
detected, the status register should be cleared
before system software attempts corrective actions.
The CUI remains in read status register mode until
a new command is issued.
This
two-step
command
sequence
of
set-up
followed by execution ensures that block contents
are not accidentally erased. An invalid Block Erase
command sequence will result in both status
register bits SR.4 and SR.5 being set to “1.” Also,
reliable
block
erasure
can
only
occur
when
VCC = VCC2/3 and VPP = VPPH1/2/3. In the absence of
this high voltage, block contents are protected
against erasure. If block erase is attempted while
VPP ≤ VPPLK, SR.3 and SR.5 will be set to “1.”
Successful
block
erase
requires
that
the
corresponding block lock-bit be cleared or, if set,
that RP# = VHH. If block erase is attempted when
the
corresponding
block
lock-bit
is
set
and
RP# = VIH, the block erase will fail, and SR.1 and
SR.5 will be set to “1.” Block erase operations with
VIH < RP# < VHH produce spurious results and
should not be attempted.
4.6
Program Command
Program is executed by a two-cycle command
sequence.
Program
setup
(standard
40H
or
alternate 10H) is written, followed by a second write
that specifies the address and data (latched on the
rising edge of WE#). The WSM then takes over,
controlling the program and write verify algorithms
internally. After the program sequence is written,
the device automatically outputs status register
data when read (see Figure 8). The CPU can detect
the completion of the program event by analyzing
the RY/BY# pin or status register bit SR.7.
When program is complete, status register bit SR.4
should be checked. If program error is detected, the
status register should be cleared. The internal WSM
verify only detects errors for “1”s that do not
successfully write to “0”s. The CUI remains in read
status register mode until it receives another
command.
Reliable programs only occurs when VCC = VCC2/3
and VPP = VPPH1/2/3. In the absence of this high
voltage, memory contents are protected against
programs.
If
program
is
attempted
while
VPP
≤ VPPLK, the operation will fail, and status
register bits SR.3 and SR.5 will be set to “1.”
Successful
program
also
requires
that
the
corresponding block lock-bit be cleared or, if set,
that RP# = VHH. If program is attempted when the
corresponding block lock-bit is set and RP# = VIH,
program will fail, and SR.1 and SR.4 will be set to
“1.” Program operations with VIH < RP# < VHH
produce spurious
results
and
should
not
be
attempted.
4.7
Block Erase Suspend
Command
The
Block
Erase
Suspend
command
allows
block-erase interruption to read or write data in
another block of memory. Once the block erase
process starts, writing the Block Erase Suspend
command requests that the WSM suspend the
block erase sequence at a predetermined point in
the algorithm. The device outputs status register
data when read after the Block Erase Suspend
command is written. Polling status register bits
SR.7 and SR.6 can determine when the block erase
operation has been suspended (both will be set to
“1”).
RY/BY#
will
also
transition
to
VOH.
Specification
tWHRH2 defines the block erase
suspend latency.
At this point, a Read Array command can be written
to read data from blocks other than that which is
suspended. A Program command sequence can
also be issued during erase suspend to program
data in other blocks. Using the Program Suspend
command (see Section 4.8), a program operation
can also be suspended. During a program operation
with block erase suspended, status register bit
SR.7 will return to “0” and the RY/BY# output will
transition to VOL. However, SR.6 will remain “1” to
indicate block erase suspend status.
The only other valid commands while block erase is
suspended are Read Status Register and Block
Erase Resume. After a Block Erase Resume
command is written to the flash memory, the WSM
will continue the block erase process. Status
register bits SR.6 and SR.7 will automatically clear
and RY/BY# will return to VOL. After the Erase
Resume
command
is
written,
the
device
automatically outputs status register data when
read (see Figure 9). VPP must remain at VPPH1/2/3
(the same VPP level used for block erase) while
block erase is suspended. RP# must also remain at
VIH or VHH (the same RP# level used for block
erase). Block erase cannot resume until program
operations initiated during block erase suspend
have completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com