Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 8 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
80960KB
7
1.1.9.
Interrupt Handling
The 80960KB can be interrupted in two ways: by the
activation of one of four interrupt pins or by sending a
message on the processor’s data bus.
The 80960KB is unusual in that it automatically
handles interrupts on a priority basis and can keep
track of pending interrupts through its on-chip
interrupt controller. Two of the interrupt pins can be
configured to provide 8259A-style handshaking for
expansion beyond four interrupt lines.
1.1.10. Debug Features
The 80960KB has built-in debug capabilities. There
are two types of breakpoints and six trace modes.
Debug features are controlled by two internal 32-bit
registers: the Process-Controls Word and the Trace-
Controls Word. By setting bits in these control words,
a software debug monitor can closely control how the
processor responds during program execution.
The 80960KB provides two hardware breakpoint
registers on-chip which, by using a special command,
can be set to any value. When the instruction pointer
matches
either
breakpoint
register
value,
the
breakpoint handling routine is automatically called.
The 80960KB also provides software breakpoints
through the use of two instructions: MARK and
FMARK. These can be placed at any point in a
program and cause the processor to halt execution at
that point and call the breakpoint handling routine.
The breakpoint mechanism is easy to use and
provides a powerful debugging tool.
Tracing is available for instructions (single step
execution), calls and returns and branching. Each
trace type may be enabled separately by a special
debug instruction. In each case, the 80960KB
executes the instruction first and then calls a trace
handling routine (usually part of a software debug
monitor). Further program execution is halted until the
routine completes, at which time execution resumes
at the next instruction. The 80960KB’s tracing
mechanisms, implemented completely in hardware,
greatly simplify the task of software test and debug.
1.1.11. Fault Detection
The 80960KB has an automatic mechanism to handle
faults. Fault types include floating point, trace and
arithmetic faults. When the processor detects a fault,
it automatically calls the appropriate fault handling
routine and saves the current instruction pointer and
necessary
state
information
to
make
efficient
recovery possible. Like interrupt handling routines,
fault handling routines are usually written to meet the
needs of specific applications and are often included
as part of the operating system or kernel.
For each of the fault types, there are numerous
subtypes that provide specific information about a
fault. For example, a floating point fault may have the
subtype set to an Overflow or Zero-Divide fault. The
fault handler can use this specific information to
respond correctly to the fault.
1.1.12. Built-in Testability
Upon reset, the 80960KB automatically conducts an
exhaustive internal test of its major blocks of logic.
Then, before executing its first instruction, it does a
zero check sum on the first eight words in memory to
ensure that the memory image was programmed
correctly. If a problem is discovered at any point
during the self-test, the 80960KB asserts its FAILURE
pin and will not begin program execution. Self test
takes approximately 47,000 cycles to complete.
System manufacturers can use the 80960KB’s self-
test feature during incoming parts inspection. No
special diagnostic programs need to be written. The
test is both thorough and fast. The self-test capability
helps ensure that defective parts are discovered
before systems are shipped and, once in the field, the
self-test makes it easier to distinguish between
problems caused by processor failure and problems
resulting from other causes.
1.1.13. CHMOS
The 80960KB is fabricated using Intel’s CHMOS IV
(Complementary High Speed Metal Oxide Semicon-
ductor) process. The 80960KB is currently available
in 16, 20 and 25 MHz versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com