Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 3 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 3 Page - Intel Corporation

  80960KB Datasheet HTML 1Page - Intel Corporation 80960KB Datasheet HTML 2Page - Intel Corporation 80960KB Datasheet HTML 3Page - Intel Corporation 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
80960KB
2
1.1.
Key Performance Features
The 80960 architecture is based on the most recent
advances in microprocessor technology and is
grounded in Intel’s long experience in the design and
manufacture of embedded microprocessors. Many
features contribute to the 80960KB’s exceptional
performance:
1.
Large Register Set. Having a large number of
registers reduces the number of times that a
processor
needs
to
access
memory.
Modern
compilers can take advantage of this feature to
optimize execution speed. For maximum flexibility, the
80960KB provides thirty-two 32-bit registers and four
80-bit floating point registers. (See Figure 2.)
2.
Fast Instruction Execution. Simple functions
make up the bulk of instructions in most programs so
that execution speed can be improved by ensuring
that these core instructions are executed as quickly
as possible. The most frequently executed instruc-
tions such as register-register moves, add/subtract,
logical operations and shifts execute in one to two
cycles. (Table 1 contains a list of instructions.)
3.
Load/Store Architecture. One way to improve
execution speed is to reduce the number of times that
the processor must access memory to perform an
operation. As with other processors based on RISC
technology, the 80960KB has a Load/Store archi-
tecture. As such, only the LOAD and STORE instruc-
tions reference memory; all other instructions operate
on registers. This type of architecture simplifies
instruction decoding and is used in combination with
other techniques to increase parallelism.
4.
Simple Instruction Formats. All instructions in
the 80960KB are 32 bits long and must be aligned on
word boundaries. This alignment makes it possible to
eliminate the instruction alignment stage in the
pipeline. To simplify the instruction decoder, there are
only five instruction formats; each instruction uses
only one format. (See Figure 3.)
5.
Overlapped
Instruction
Execution.
Load
operations allow execution of subsequent instructions
to continue before the data has been returned from
memory, so that these instructions can overlap the
load. The 80960KB manages this process transpar-
ently to software through the use of a register score-
board. Conditional instructions also make use of a
scoreboard so that subsequent unrelated instructions
may be executed while the conditional instruction is
pending.
6.
Integer Execution Optimization. When the
result of an arithmetic execution is used as an
operand in a subsequent calculation, the value is sent
immediately to its destination register. Yet at the same
time, the value is put on a bypass path to the ALU,
thereby saving the time that otherwise would be
required to retrieve the value for the next operation.
7.
Bandwidth Optimizations. The 80960KB gets
optimal use of its memory bus bandwidth because the
bus is tuned for use with the on-chip instruction
cache: instruction cache line size matches the
maximum burst size for instruction fetches. The
80960KB automatically fetches four words in a burst
and stores them directly in the cache. Due to the size
of the cache and the fact that it is continually filled in
anticipation of needed instructions in the program
flow, the 80960KB is relatively insensitive to memory
wait states. The benefit is that the 80960KB delivers
outstanding performance even with a low cost
memory system.
8.
Cache Bypass. If a cache miss occurs, the
processor fetches the needed instruction then sends
it on to the instruction decoder at the same time it
updates the cache. Thus, no extra time is spent to
load and read the cache.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com