Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
80960KB
13
Figure 9. Typical Current vs. Frequency (Hot Temp)
OPERATING FREQUENCY (MHz)
@4.5V
@5.0V
@5.5V
TEMP = +22°C
380
360
340
320
300
280
260
240
220
200
180
16
20
25
160
Figure 10. Worst-Case Voltage vs. Output Current
on Open-Drain Pins
0
10
20
30
40
50
0.8
0.6
0.4
0.2
0.0
OUTPUT LOW CURRENT(mA)
(TEMP = +85°C, VCC = 4.5V)
Figure 11. Capacitive Derating Curve
0
20
40
60
80
100
30
25
20
15
10
CAPACITIVE LOAD(pF)
(TEMP = +85°C, VCC = 4.5V)
5
0
RISING
FALLING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com