Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 32 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 32 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 28Page - Intel Corporation 80960KB Datasheet HTML 29Page - Intel Corporation 80960KB Datasheet HTML 30Page - Intel Corporation 80960KB Datasheet HTML 31Page - Intel Corporation 80960KB Datasheet HTML 32Page - Intel Corporation 80960KB Datasheet HTML 33Page - Intel Corporation 80960KB Datasheet HTML 34Page - Intel Corporation 80960KB Datasheet HTML 35Page - Intel Corporation 80960KB Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
80960KB
31
Figure 23. 16 MHz Maximum Allowable Ambient Temperature
Figure 24. 20 MHz Maximum Allowable Ambient Temperature
85
80
75
70
65
60
55
0
200
400
600
800
PQFP
PGA with no
heatsink
PGA with omni-
directional heatsink
PGA with uni-
directional heatsink
AIRFLOW (ft/min)
90
90
85
80
75
70
65
60
0
200
400
600
800
PQFP
PGA with no
heatsink
PGA with omni-
directional heatsink
PGA with uni-
directional heatsink
AIRFLOW (ft/min)
55
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com