Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 6 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 6 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 2Page - Intel Corporation 80960KB Datasheet HTML 3Page - Intel Corporation 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
80960KB
5
80-bit registers (FP0 through FP3). These registers
perform the same function as the general-purpose
registers provided in other popular microprocessors.
The term global refers to the fact that these registers
retain their contents across procedure calls.
The local registers, on the other hand, are procedure
specific. For each procedure call, the 80960KB
allocates 16 local registers (R0 through R15). Each
local register is 32 bits wide. Any register can also be
used for single or double-precision floating-point
operations; the 80-bit floating-point registers are
provided for extended precision.
1.1.4.
Multiple Register Sets
To further increase the efficiency of the register set,
multiple sets of local registers are stored on-chip (See
Figure 4). This cache holds up to four local register
frames, which means that up to three procedure calls
can be made without having to access the procedure
stack resident in memory.
Although programs may have procedure calls nested
many calls deep, a program typically oscillates back
and forth between only two to three levels. As a
result, with four stack frames in the cache, the proba-
bility of having a free frame available on the cache
when a call is made is very high. In fact, runs of repre-
sentative C-language programs show that 80% of the
calls are handled without needing to access memory.
If four or more procedures are active and a new
procedure is called, the 80960KB moves the oldest
local register set in the stack-frame cache to a
procedure stack in memory to make room for a new
set of registers. Global register G15 is the frame
pointer (FP) to the procedure stack.
Global and floating point registers are not exchanged
on a procedure call, but retain their contents, making
them available to all procedures for fast parameter
passing.
1.1.5.
Instruction Cache
To further reduce memory accesses, the 80960KB
includes a 512-byte on-chip instruction cache. The
instruction cache is based on the concept of locality
of reference; most programs are not usually executed
in a steady stream but consist of many branches,
loops and procedure calls that lead to jumping back
and forth in the same small section of code. Thus, by
maintaining a block of instructions in cache, the
number of memory references required to read
instructions into the processor is greatly reduced.
To load the instruction cache, instructions are fetched
in 16-byte blocks; up to four instructions can be
fetched at one time. An efficient prefetch algorithm
increases the probability that an instruction will
already be in the cache when it is needed.
Code for small loops often fits entirely within the
cache, leading to a great increase in processing
speed since further memory references might not be
necessary until the program exits the loop. Similarly,
when calling short procedures, the code for the
calling procedure is likely to remain in the cache so it
will be there on the procedure’s return.
1.1.6.
Register Scoreboarding
The instruction decoder is optimized in several ways.
One optimization method is the ability to overlap
instructions by using register scoreboarding.
Register scoreboarding occurs when a LOAD moves
a variable from memory into a register. When the
instruction initiates, a scoreboard bit on the target
register is set. Once the register is loaded, the bit is
reset. In between, any reference to the register
contents is accompanied by a test of the scoreboard
bit to ensure that the load has completed before
processing continues. Since the processor does not
need to wait for the LOAD to complete, it can execute
additional instructions placed between the LOAD and
the instruction that uses the register contents, as
shown in the following example:
ld data_2, r4
ld data_2, r5
Unrelated instruction
Unrelated instruction
add R4, R5, R6
In essence, the two unrelated instructions between
LOAD and ADD are executed “for free” (i.e., take no
apparent time to execute) because they are executed
while the register is being loaded. Up to three load
instructions can be pending at one time with three
corresponding scoreboard bits set. By exploiting this
feature, system programmers and compiler writers
have a useful tool for optimizing execution speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com