Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 17 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation 80960KB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
80960KB
16
2.8.
AC Specifications
This section describes the AC specifications for the
80960KB pins. All input and output timings are
specified relative to the 1.5 V level of the rising edge
of CLK2. For output timings the specifications refer to
the time it takes the signal to reach 1.5 V.
For input timings the specifications refer to the time at
which the signal reaches (for input setup) or leaves
(for hold time) the TTL levels of LOW (0.8 V) or HIGH
(2.0 V). All AC testing should be done with input
voltages of 0.4 V and 2.4 V, except for the clock
(CLK2), which should be tested with input voltages of
0.45 V and 0.55 VCC.
Figure 14. Drive Levels and Timing Relationships for 80960KB Signals
A
B
C
D
A
B
C
1.5V
1.5V
1.5V
1.5V
0.8V
T6
1.5V
1.5V
T7
1.5V
1.5V
VALID OUTPUT
T6
T8
T8
T13
T14
1.5V
1.5V
VALID OUTPUT
T9
2.0V
2.0V
2.0V
2.0V
0.8V
0.8V
0.8V
0.8V
EDGE
CLK2
OUTPUTS:
LAD 31:0
ADS
W/R, DEN
BE3:0
HLDA
CACHE
LOCK, INTA
ALE
DT/R
INPUTS:
LAD31:0
BADAC
IAC/INT0, INT1
INT2/INTR, INT3
HOLD
LOCK
READY
T9
VALID INPUT
T10
T11
T12
T11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com