Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 30 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 26Page - Intel Corporation 80960KB Datasheet HTML 27Page - Intel Corporation 80960KB Datasheet HTML 28Page - Intel Corporation 80960KB Datasheet HTML 29Page - Intel Corporation 80960KB Datasheet HTML 30Page - Intel Corporation 80960KB Datasheet HTML 31Page - Intel Corporation 80960KB Datasheet HTML 32Page - Intel Corporation 80960KB Datasheet HTML 33Page - Intel Corporation 80960KB Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
80960KB
29
3.3.
Package Thermal Specification
The 80960KB is specified for operation when case
temperature is within the range 0°C to 85°C (PGA) or
0°C to 100°C (PQFP). Measure case temperature at
the top center of the package. Ambient temperature
can be calculated from:
TJ = TC + P*θjc
TA = TJ + P*θja
TC = TA + P*[θja−θjc]
Values for
θ
ja and θjc for various airflows are given in
Table 12 for the PGA package and in Table 12 for the
PQFP package. The PGA’s
θ
ja can be reduced by
adding a heatsink. For the PQFP, however, a heatsink
is not generally used since the device is intended to
be surface mounted.
Maximum
allowable
ambient
temperature
(TA)
permitted without exceeding TC is shown by the
graphs in Figures 23, 24, 25 and 26. The curves
assume the maximum permitted supply current (ICC)
at each speed, VCC of +5.0 V and a TCASE of +85°C
(PGA) or +100°C (PQFP).
If the 80960KB is to be used in a harsh environment
where the ambient temperature may exceed the limits
for the normal commercial part, consider using an
extended temperature device. These components are
designated by the prefix “TA” and are available at 16,
20 and 25 MHz in the ceramic PGA package.
Extended operating temperature range is –40° C to
+125°C (case).
Figure 26 shows the maximum allowable ambient
temperature for the 20 MHz extended temperature
TA80960KB at various airflows. The curve assumes
an ICC of 420 mA, VCC of 5.0 V and a TCASE of
+125°C.
Table 14. 80960KB PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
50
(0.25)
100
(0.50)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
θ Junction-to-Case
2
2
2
2
2
2
2
θ Case-to-Ambient
(No Heatsink)
19
18
17
15
12
10
9
θ Case-to-Ambient
(Omnidirectional
Heatsink)
16
15
14
12
9
7
6
θ Case-to-Ambient
(Unidirectional
Heatsink)
15
14
13
11
8
6
5
NOTES:
1.
This table applies to 80960KB PGA plugged into
socket or soldered directly to board.
2.
θ
JA = θJC + θCA
3.
θ
J-CAP = 4°C/W (approx.)
θ
J-PIN = 4°C/W (inner pins) (approx.)
θ
J-PIN = 8°C/W (outer pins) (approx.)
θ
JC
θ
JA
θ
J-PIN
θ
J-CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com