Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 1 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 1 Page - Intel Corporation

  80960KB Datasheet HTML 1Page - Intel Corporation 80960KB Datasheet HTML 2Page - Intel Corporation 80960KB Datasheet HTML 3Page - Intel Corporation 80960KB Datasheet HTML 4Page - Intel Corporation 80960KB Datasheet HTML 5Page - Intel Corporation 80960KB Datasheet HTML 6Page - Intel Corporation 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
Intel Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in an Intel product. No other circuit patent
licenses are implied. Information contained herein supersedes previously published specifications on these devices from Intel.
May 1993
© INTEL CORPORATION, 1993
Order Number: 270565-006
80960KB
EMBEDDED 32-BIT MICROPROCESSOR
WITH INTEGRATED FLOATING-POINT UNIT
The 80960KB is a member of Intel’s i960® 32-bit processor family, which is designed especially for embedded
applications. It includes a 512-byte instruction cache, an integrated floating-point unit and a built-in interrupt
controller. The 80960KB has a large register set, multiple parallel execution units and a high-bandwidth burst
bus. Using advanced RISC technology, this high performance processor is capable of execution rates in excess
of 9.4 million instructions per second*. The 80960KB is well-suited for a wide range of applications including non-
impact printers, I/O control and specialty instrumentation.
Figure 1. The 80960KB Processor’s Highly Parallel Architecture
* Relative to Digital Equipment Corporation’s VAX-11/780 at 1 MIPS (VAX-11™ is a trademark of Digital Equipment
Corporation)
s High-Performance Embedded Architecture
— 25 MIPS Burst Execution at 25 MHz
— 9.4 MIPS* Sustained Execution at 25 MHz
s 512-Byte On-Chip Instruction Cache
— Direct Mapped
— Parallel Load/Decode for Uncached Instruc-
tions
s Multiple Register Sets
— Sixteen Global 32-Bit Registers
— Sixteen Local 32-Bit Registers
— Four Local Register Sets Stored On-Chip
— Register Scoreboarding
s 4 Gigabyte, Linear Address Space
s Pin Compatible with 80960KA
s Built-in Interrupt Controller
— 31 Priority Levels, 256 Vectors
— 3.4 µs Latency @ 25 MHz
s Easy to Use, High Bandwidth 32-Bit Bus
— 66.7 Mbytes/s Burst
— Up to 16 Bytes Transferred per Burst
s 132-Lead Packages:
— Pin Grid Array (PGA)
— Plastic Quad Flat-Pack (PQFP)
s On-Chip Floating Point Unit
— Supports IEEE 754 Floating Point Standard
— Four 80-Bit Registers
— 13.6 Million Whetstones/s (Single
Precision) at 25 MHz
SIXTEEN
32-BIT GLOBAL
REGISTERS
64- BY 32-BIT
LOCAL
REGISTER
CACHE
32-BIT
INSTRUCTION
EXECUTION
UNIT
INSTRUCTION
FETCH UNIT
512-BYTE
INSTRUCTION
CACHE
INSTRUCTION
DECODER
MICRO-
INSTRUCTION
SEQUENCER
MICRO-
INSTRUCTION
ROM
32-BIT
BUS
CONTROL
LOGIC
32-BIT
BURST
BUS
FOUR
80-BIT FP
REGISTERS
80-BIT
FPU


Similar Part No. - 80960KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960KB INTEL-80960KB Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
80960KB INTEL-80960KB Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
More results

Similar Description - 80960KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960JA INTEL-80960JA Datasheet
1Mb / 63P
EMBEDDED 32-BIT MICROPROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
EMBEDDED 32-BIT MICROPROCESSOR
80960MC INTEL-80960MC Datasheet
406Kb / 39P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Intel Corporation
A80960KB20 INTEL-A80960KB20 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KB25 INTEL-A80960KB25 Datasheet
2Mb / 44P
EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
EMBEDDED 32-BIT MICROPROCESSOR
logo
Microchip Technology
PIC32MZ MICROCHIP-PIC32MZ Datasheet
829Kb / 30P
PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com