Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 15 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 15 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
80960KB
14
2.5.
Test Load Circuit
Figure 12 illustrates the load circuit used to test the
80960KB’s three-state pins; Figure 13 shows the load
circuit used to test the open drain outputs. The open
drain test uses an active load circuit in the form of a
matched diode bridge. Since the open-drain outputs
sink current, only the IOL legs of the bridge are
necessary and the IOH legs are not used. When the
80960KB driver under test is turned off, the output pin
is pulled up to VREF (i.e., VOH). Diode D1 is turned off
and the IOL current source flows through diode D2.
When the 80960KB open-drain driver under test is
on, diode D1 is also on and the voltage on the pin
being tested drops to VOL. Diode D2 turns off and IOL
flows through diode D1.
Figure 12. Test Load Circuit for Three-State Output Pins
Figure 13. Test Load Circuit for Open-Drain Output Pins
THREE-STATE OUTPUT
CL = 50 pF for all signals
CL
CL
OPEN-DRAIN OUTPUT
IOL
D2
IOL Tested at 25 mA
VREF = VCC
D1 and D2 are matched
D1
CL = 50 pF for all signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com