Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 11 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 7Page - Intel Corporation 80960KB Datasheet HTML 8Page - Intel Corporation 80960KB Datasheet HTML 9Page - Intel Corporation 80960KB Datasheet HTML 10Page - Intel Corporation 80960KB Datasheet HTML 11Page - Intel Corporation 80960KB Datasheet HTML 12Page - Intel Corporation 80960KB Datasheet HTML 13Page - Intel Corporation 80960KB Datasheet HTML 14Page - Intel Corporation 80960KB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
80960KB
10
FAILURE
O
O.D.
INITIALIZATION FAILURE indicates that the processor did not initialize correctly.
After RESET deasserts and before the first bus transaction begins, FAILURE asserts
while the processor performs a self-test. If the self-test completes successfully, then
FAILURE deasserts. The processor then performs a zero checksum on the first eight
words of memory. If it fails, FAILURE asserts for a second time and remains
asserted. If it passes, system initialization continues and FAILURE remains
deasserted.
IAC/INT0
I
INTERAGENT COMMUNICATION REQUEST/INTERRUPT 0 indicates an IAC
message or an interrupt is pending. The bus interrupt control register determines how
the signal is interpreted. To signal an interrupt or IAC request in a synchronous
system, this pin — as well as the other interrupt pins — must be enabled by being
deasserted for at least one bus cycle and then asserted for at least one additional
bus cycle. In an asynchronous system the pin must remain deasserted for at least
two bus cycles and then asserted for at least two more bus cycles.
During system reset, this signal must be in the logic high condition to enable normal
processor operation. The logic low condition is reserved.
INT1
I
INTERRUPT 1, like INT0, provides direct interrupt signaling.
INT2/INTR
I
INTERRUPT2/INTERRUPT REQUEST: The interrupt control register determines
how this pin is interpreted. If INT2, it has the same interpretation as the INT0 and INT1
pins. If INTR, it is used to receive an interrupt request from an external interrupt
controller.
INT3/INTA
I/O
O.D.
INTERRUPT3/INTERRUPT ACKNOWLEDGE: The bus interrupt control register
determines how this pin is interpreted. If INT3, it has the same interpretation as the
INT0, INT1 and INT2 pins. If INTA, it is used as an output to control interrupt-
acknowledge transactions. The INTA output is latched on-chip and remains valid
during Td cycles; as an output, it is open-drain.
N.C.
N/A
NOT CONNECTED indicates pins should not be connected. Never connect any pin
marked N.C. as these pins may be reserved for factory use.
Table 5. 80960KB Pin Description: Support Signals (Sheet 2 of 2)
NAME
TYPE
DESCRIPTION
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state
2.0
ELECTRICAL SPECIFICATIONS
2.1.
Power and Grounding
The
80960KB
is
implemented
in
CHMOS
IV
technology and therefore has modest power require-
ments. Its high clock frequency and numerous output
buffers (address/data, control, error and arbitration
signals) can cause power surges as multiple output
buffers simultaneously drive new signal levels. For
clean on-chip power distribution, VCC and VSS pins
separately feed the device’s functional units. Power
and ground connections must be made to all
80960KB power and ground pins. On the circuit
board, all Vcc pins must be strapped closely together,
preferably on a power plane; all Vss pins should be
strapped together, preferably on a ground plane.
2.2.
Decoupling Recommendations
Place a liberal amount of decoupling capacitance
near the 80960KB. When driving the L-bus the
processor can cause transient power surges, particu-
larly when connected to a large capacitive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com