Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960KB Datasheet(PDF) 20 Page - Intel Corporation

Part # 80960KB
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960KB Datasheet(HTML) 20 Page - Intel Corporation

Back Button 80960KB Datasheet HTML 16Page - Intel Corporation 80960KB Datasheet HTML 17Page - Intel Corporation 80960KB Datasheet HTML 18Page - Intel Corporation 80960KB Datasheet HTML 19Page - Intel Corporation 80960KB Datasheet HTML 20Page - Intel Corporation 80960KB Datasheet HTML 21Page - Intel Corporation 80960KB Datasheet HTML 22Page - Intel Corporation 80960KB Datasheet HTML 23Page - Intel Corporation 80960KB Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
80960KB
19
1. Clock rise and fall times are not tested.
2. A float condition occurs when the maximum output current becomes less than ILO. Float delay is not tested; however, it should not be longer than
the valid delay.
3. LAD31:0, BADAC, HOLD, LOCK and READY are synchronous inputs. IAC/INT0, INT1, INT2/INTR and INT3 may be synchronous or asynchronous.
Table 9. 80960KB AC Characteristics (25 MHz)
Symbol
Parameter
Min
Max
Units
Notes
Input Clock
T1
Processor Clock Period (CLK2)
20
125
ns
VIN = 1.5V
T2
Processor Clock Low Time (CLK2)
5
ns
VIL = 10% Point = 1.2V
T3
Processor Clock High Time
(CLK2)
5
ns
VIH = 90% Point = 0.1V + 0.5 VCC
T4
Processor Clock Fall Time (CLK2)
10
ns
VIN = 90% Point to 10% Point (1)
T5
Processor Clock Rise Time (CLK2)
10
ns
VIN = 10% Point to 90% Point (1)
Synchronous Outputs
T6
Output Valid Delay
2
18
ns
T6H
HLDA Output Valid Delay
4
23
ns
T7
ALE Width
12
ns
T8
ALE Output Valid Delay
2
18
ns
T9
Output Float Delay
2
18
ns
(2)
T9H
HLDA Output Float Delay
4
20
ns
(2)
Synchronous Inputs
T10
Input Setup 1
3
ns
(3)
T11
Input Hold
5
ns
(3)
T11H
HOLD Input Hold
4
ns
T12
Input Setup 2
7
ns
T13
Setup to ALE Inactive
8
ns
T14
Hold after ALE Inactive
8
ns
T15
Reset Hold
3
ns
T16
Reset Setup
5
ns
T17
Reset Width
820
ns
41 CLK2 Periods Minimum
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com