Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 14 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 14 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 10Page - Intel Corporation 80960SA Datasheet HTML 11Page - Intel Corporation 80960SA Datasheet HTML 12Page - Intel Corporation 80960SA Datasheet HTML 13Page - Intel Corporation 80960SA Datasheet HTML 14Page - Intel Corporation 80960SA Datasheet HTML 15Page - Intel Corporation 80960SA Datasheet HTML 16Page - Intel Corporation 80960SA Datasheet HTML 17Page - Intel Corporation 80960SA Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
10
80960SA
Table 4. 80960SA Pin Description: Support Signals
NAME
TYPE
DESCRIPTION
RESET
I
RESET clears the processor’s internal logic and causes it to reinitialize.
During RESET assertion, the input pins are ignored (except for INT0, INT1, INT3,
LOCK), the three-state output pins are placed in a HIGH impedance state (except
for DT/R, DEN, and AS) and other output pins are placed in their non-asserted
states.
RESET must be asserted for at least 41 CLK2 cycles for a predictable reset.
Optionally, for a synchronous reset, the LOW and HIGH transition of RESET
should occur after the rising edge of both CLK2 and the external bus CLK and
before the next rising edge of CLK2.
The interrupt pins indicate the initialization sequence executed. Typical initial-
ization requires driving only INT0 and INT3 to a HIGH state. The reset conditions
follow:
INT0
INT1
INT3
LOCK
Action Taken
1
x
1
1
Run self test (core initialization)
0
0
1
1
Disable self-test
0
1
x
x
Reserved
x
x
0
x
Reserved
x
x
x
0
ONCE mode (see LOCK pin)
INT0
I
INTERRUPT 0 indicates a pending interrupt. To signal an interrupt in a
synchronous system, this pin — as well as the other interrupt pins — must be
enabled by being deasserted for at least one bus cycle and then asserted for at
least one additional bus cycle. In an asynchronous system, the pin must remain
deasserted for at least two system clock cycles and then asserted for at least two
more system clock cycles. The interrupt control register must be programmed with
an interrupt vector before using this pin.
INT0 is sampled during reset to determine if the self-test sequence is to be
executed.
INT1
I
INTERRUPT 1, like INT0, provides direct interrupt signaling. INT1 is sampled
during reset to determine if the self-test sequence is to be executed.
INT2/INTR
I
INTERRUPT2/INTERRUPT REQUEST: The interrupt control register determines
how this pin is interpreted. If INT2, it has the same interpretation as the INT0 and
INT1 pins. If INTR, it is used to receive an interrupt request from an external
interrupt controller.
INT3/INTA
I/O
T.S.
INTERRUPT3/INTERRUPT ACKNOWLEDGE: The interrupt control register
determines how this pin is interpreted. If INT3, it has the same interpretation as
the INT0 and INT1 pins. If INTA, it is used as an output to control interrupt
acknowledge transactions. The INTA output is latched on-chip and remains valid
during Td cycles; as an output, it is open-drain. INT3 must be pulled HIGH during
reset.
NC
N/A
NOT CONNECTED indicates pins should not be connected. Never connect any
pin marked NC; these pins may be reserved for factory use.
I/O = Input/Output, O = Output, I = Input, O.D. = Open Drain, T.S. = Three-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com