Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 18 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 18 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 14Page - Intel Corporation 80960SA Datasheet HTML 15Page - Intel Corporation 80960SA Datasheet HTML 16Page - Intel Corporation 80960SA Datasheet HTML 17Page - Intel Corporation 80960SA Datasheet HTML 18Page - Intel Corporation 80960SA Datasheet HTML 19Page - Intel Corporation 80960SA Datasheet HTML 20Page - Intel Corporation 80960SA Datasheet HTML 21Page - Intel Corporation 80960SA Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
14
80960SA
2.6
ABSOLUTE MAXIMUM RATINGS*
Parameter
Maximum Rating
Operating Temperature (PLCC) ........... 0°C to +85°C Case
Operating Temperature (QFP) ............ 0°C to +100°C Case
Storage Temperature .............................. –65°C to +150°C
Voltage on Any Pin (PLCC)................. –0.5V to VCC +0.5V
Voltage on Any Pin (QFP)............... –0.25V to VCC +0.25V
Power Dissipation ....................................... 1.9W (20 MHz)
NOTICE: This is a production data sheet. The
specifications are subject to change without notice.
*WARNING: Stressing the device beyond the
“Absolute
Maximum
Ratings”
may
cause
permanent damage. These are stress ratings only.
Operation beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device reliability.
2.7
DC Characteristics
80960SA (10 and 16 MHz QFP)
TCASE = 0°C to +100°C, VCC = 5V ± 5%
80960SA (10 and 16 MHz PLCC)
TCASE = 0°C to +85°C, VCC = 5V ± 10%
80960SA (20 MHz PLCC)
TCASE = 0°C to +85°C, VCC = 5V ± 5%
Table 5. DC Characteristics
Symbol
Parameter
Min
Max
Units
Notes
VIL
Input Low Voltage
–0.3
+0.8
V
VIH
Input High Voltage
2.0
VCC + 0.3
V
VCL
CLK2 Input Low Voltage
–0.3
+0.8
V
VCH
CLK2 Input High Voltage
0.7 VCC
VCC + 0.3
V
VOL
Output Low Voltage
0.45
0.45
V
V
IOL = 4.0 mA
IOL = 6 mA, LOCK Pin
VOH
Output High Voltage
2.4
V
All TS, -2.5 mA (1)
ICC
Power Supply Current:
10 MHz-QFP
10 MHz-PLCC
16 MHz-PLCC
20 MHz-PLCC
240
240
300
340
mA
mA
mA
mA
TCASE = 00C
TCASE = 00C
TCASE = 00C
TCASE = 00C
ILI1
Input Leakage Current,
Except INT0, LOCK
±15
µA
0
≤ V
IN ≤ VCC
ILI2
Input Leakage Current,
INT0, LOCK
–300
µA
VIN = 0.45V (2)
IOL
Output Leakage Current
±15
µA
CIN
Input Capacitance
10
pF
fC = 1 MHz (3)
CO
Output Capacitance
12
pF
fC = 1 MHz (3)
CCLK
Clock Capacitance
10
pF
fC = 1 MHz (3)
NOTES:
1. Not measured for open-drain output.
2. INT0 and LOCK have internal pullup devices.
3. Input, output and clock capacitance are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com