Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 39 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 39 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 31Page - Intel Corporation 80960SA Datasheet HTML 32Page - Intel Corporation 80960SA Datasheet HTML 33Page - Intel Corporation 80960SA Datasheet HTML 34Page - Intel Corporation 80960SA Datasheet HTML 35Page - Intel Corporation 80960SA Datasheet HTML 36Page - Intel Corporation 80960SA Datasheet HTML 37Page - Intel Corporation 80960SA Datasheet HTML 38Page - Intel Corporation 80960SA Datasheet HTML 39Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 39 page
background image
35
80960SA
Table 6. 80960SA AC Characteristics
(10 MHz) (pg. 17)
Table 7. 80960SA AC Characteristics
(16 MHz) (pg. 18).
-004
T7 minimum specification improved:
Power Supply Current:
Was:
Is:
10 MHz
24 ns
T1 - 11 ns
16 MHZ
15 ns
T1 - 11 ns
Table 8. 80960SA AC Characteristics
(20 MHz) (pg. 19)
-004
New 20 MHz specification table added for 80960SA C-step.
Table 11. 80960SA PLCC Pinout — In
Pin Order (pg. 26)
-004
θ
JA increased to reflect smaller die size and lower ICC.
Table 11. 80960SA PLCC Pinout — In
Pin Order (pg. 26)
-004
θ
JA and θJC increased to reflect smaller die size and lower
ICC.
The sections significantly changed between revisions -003 and -004 of the 80960SA/SB Data Sheet were:
Section
Last
Rev.
Description
DC Characteristics
-003
Operating temperature for PLCC package changed:
WAS:
TCASE = 0°C to +100°C
IS:
TCASE = 0°C to +85°C
The test program has not changed.
Table 9. 80960SA and 80960SB QFP
Pinout — In Pin Order
-003
Signal A12 incorrectly shown as Pin 28; is now cor-
rectly shown as Pin 38. Note added to clarify No Con-
nect Pins.
Section
Last
Rev.
Description
NOTES:
Page numbers refer to 80960SA data sheet number 272206-001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com