Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 27 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 27 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 23Page - Intel Corporation 80960SA Datasheet HTML 24Page - Intel Corporation 80960SA Datasheet HTML 25Page - Intel Corporation 80960SA Datasheet HTML 26Page - Intel Corporation 80960SA Datasheet HTML 27Page - Intel Corporation 80960SA Datasheet HTML 28Page - Intel Corporation 80960SA Datasheet HTML 29Page - Intel Corporation 80960SA Datasheet HTML 30Page - Intel Corporation 80960SA Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
23
80960SA
3.3
Pinout
Table 9. 80960SA QFP Pinout — In Pin Order
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
1
A22
21
VCC
41
BE0
61
VCC
2
A21
22
VSS
42
VCC
62
VSS
3
A20
23
VCC
43
VSS
63
NC
4
A19
24
VSS
44
CLK2
64
AS
5
A18
25
AD6
45
RESET
65
VSS
6
A17
26
AD5
46
INT0
66
ALE
7
A16
27
AD4
47
INT1
67
READY
8
VCC
28
AD3
48
INT2/INTR
68
A31
9
VSS
29
AD2
49
INT3/INTA
69
A30
10
AD15
30
AD1
50
HLDA
70
A29
11
AD14
31
D0
51
VCC
71
A28
12
VCC
32
VSS
52
VSS
72
VSS
13
VSS
33
VCC
53
HOLD
73
VCC
14
AD13
34
A3
54
W/R
74
A27
15
AD12
35
A2
55
DEN
75
A26
16
AD11
36
VCC
56
DT/R
76
A25
17
AD10
37
VSS
57
BLAST
77
VCC
18
AD9
38
A1
58
LOCK
78
VSS
19
AD8
39
NC
59
VCC
79
A24
20
AD7
40
BE1
60
VSS
80
A23
NOTES:
Do not connect any external logic to any pins marked NC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com