Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 30 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 26Page - Intel Corporation 80960SA Datasheet HTML 27Page - Intel Corporation 80960SA Datasheet HTML 28Page - Intel Corporation 80960SA Datasheet HTML 29Page - Intel Corporation 80960SA Datasheet HTML 30Page - Intel Corporation 80960SA Datasheet HTML 31Page - Intel Corporation 80960SA Datasheet HTML 32Page - Intel Corporation 80960SA Datasheet HTML 33Page - Intel Corporation 80960SA Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
26
80960SA
Table 12. 80960SA PLCC Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
A1
49
A18
14
DT/R
68
VCC
44
A2
46
A19
13
HLDA
61
VCC
47
A3
45
A20
12
HOLD
64
VCC
53
D0
41
A21
11
INT0
57
VCC
6
AD1
40
A22
10
INT1
58
VCC
62
AD2
39
A23
9
INT2/INTR
59
VCC
71
AD3
38
A24
8
INT3/INTA
60
VCC
73
AD4
37
A25
5
LOCK
70
VSS
18
AD5
36
A26
4
NC
2
VSS
22
AD6
35
A27
3
NC
23
VSS
32
AD7
30
A28
83
NC
42
VSS
34
AD8
29
A29
82
NC
50
VSS
43
AD9
28
A30
81
NC
65
VSS
48
AD10
27
A31
80
NC
75
VSS
54
AD11
26
ALE
78
READY
79
VSS
63
AD12
25
AS
76
RESET
56
VSS
7
AD13
24
BE0
52
VCC
1
VSS
72
AD14
20
BE1
51
VCC
17
VSS
74
AD15
19
BLAST
69
VCC
21
VSS
77
AD16
16
CLK2
55
VCC
31
VSS
84
A17
15
DEN
67
VCC
33
W/R
66
NOTES:
Do not connect any external logic to any pins marked NC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com