Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 38 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 38 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 31Page - Intel Corporation 80960SA Datasheet HTML 32Page - Intel Corporation 80960SA Datasheet HTML 33Page - Intel Corporation 80960SA Datasheet HTML 34Page - Intel Corporation 80960SA Datasheet HTML 35Page - Intel Corporation 80960SA Datasheet HTML 36Page - Intel Corporation 80960SA Datasheet HTML 37Page - Intel Corporation 80960SA Datasheet HTML 38Page - Intel Corporation 80960SA Datasheet HTML 39Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
34
80960SA
5.0
REVISION HISTORY
This data sheet supersedes data sheet 272206-001 and applies only to those devices identified as the current
stepping in section 3.5. The sections significantly changed since the previous revision are:
Data sheet 270917-004 applied to both the 80960SA and the 80960SB. The 80960SA was then documented
alone in data sheet 272206-001. The sections significantly changed between revisions -004 of the SA/SB data
sheet and 272206-001 of the SA data sheet were:
Section
Last
Rev.
Description
2.3 Connection Recommendations (pg. 11)
-001
Removed two LOCK pin Connection Recommendation
figures and added Figure 5 to reflect the new LOCK pin
connection recommendation of a single 910
Ω pullup
resistor.
2.5 Test Load Circuit (pg. 13)
-001
Obsolete figure (Test Load Circuit for Open-Drain
Output Pins) removed to reflect current test conditions.
2.7 DC Characteristics (pg. 14)
-001
IOL value at 0.45V improved.
WAS:
2.5 mA
IS:
4.0 mA
LOCK pin IOL value at 0.45V relaxed.
WAS:
12 mA
IS:
6 mA
LOCK pin IOL value at 0.60V deleted.
80960SA 16 MHz QFP added to product list.
3.5 Stepping Register Information (pg. 27)
-001
New section added.
Section
Last
Rev.
Description
2.3 Connection Recommendations
(pg. 11)
-004
Deleted corresponding graph of open drain voltage vs. out-
put current.
Figure 6. Typical Supply Current vs.
Case Temperature (pg. 11)
Figure 7. Typical Current vs. Fre-
quency (Room Temp) (pg. 12)
Figure 8. Typical Current vs. Fre-
quency (Hot Temp) (pg. 12)
-004
Regraphed new data in three graphs instead of two.
Table 5. DC Characteristics (pg. 15)
-004
Input Leakage Current (ILI2) Specification added to accu-
rately describe leakage of INT0 and LOCK as inputs.
ICC max reduced:
Power Supply Current:
Was:
Is:
10 MHz
280
240
16 MHz
350
300
NOTES:
Page numbers refer to 80960SA data sheet number 272206-001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com