Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 19 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 19 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 15Page - Intel Corporation 80960SA Datasheet HTML 16Page - Intel Corporation 80960SA Datasheet HTML 17Page - Intel Corporation 80960SA Datasheet HTML 18Page - Intel Corporation 80960SA Datasheet HTML 19Page - Intel Corporation 80960SA Datasheet HTML 20Page - Intel Corporation 80960SA Datasheet HTML 21Page - Intel Corporation 80960SA Datasheet HTML 22Page - Intel Corporation 80960SA Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
15
80960SA
2.8
AC Specifications
This section describes the AC specifications for the
80960SA pins. All input and output timings are
specified relative to the 1.5V level of the rising edge
of CLK2 and refer to the time at which the signal
crosses 1.5V (for output delay and input setup). All
AC testing should be done with input voltages of
0.4V and 2.4V, except for the clock (CLK2) which
should be tested with input voltages of 0.45V and 0.7
x VCC. See Figure 11 and Tables 6, 7 and 8 for timing
relationships for the 80960SA signals.
Figure 11. Drive Levels and Timing Relationships for 80960SA Signals
A
B
C
D
A
B
C
1.5V
1.5V
1.5V
1.5V
T6
1.5V
1.5V
T7
1.5V
1.5V
VALID OUTPUT
T6
T8
T8
T13
T14
1.5V
1.5V
VALID OUTPUT
T9
2.0V
2.0V
2.0V
2.0V
0.8V
0.8V
0.8V
0.8V
EDGE
CLK2
OUTPUTS:
AD15:1, A3:1, D0,
W/R, DEN, BLAST,
HLDA, LOCK, INTA
ALE
DT/R
INPUTS:
AD15:1, D0,
INT2, INT3
HOLD
LOCK
READY
T9
T10
T11
T12
T11
A 31:16, BE1:0,
INT0, INT1,
AS
T6AS
T6AS
VALID INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com