Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 3 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 3 Page - Intel Corporation

  80960SA Datasheet HTML 1Page - Intel Corporation 80960SA Datasheet HTML 2Page - Intel Corporation 80960SA Datasheet HTML 3Page - Intel Corporation 80960SA Datasheet HTML 4Page - Intel Corporation 80960SA Datasheet HTML 5Page - Intel Corporation 80960SA Datasheet HTML 6Page - Intel Corporation 80960SA Datasheet HTML 7Page - Intel Corporation 80960SA Datasheet HTML 8Page - Intel Corporation 80960SA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
iii
LIST OF FIGURES
PAGE
Figure 1
The 80960SA Processor’s Highly Parallel Architecture ................................................................ 0
Figure 2
80960SA Programming Environment ........................................................................................... 1
Figure 3
Instruction Formats ...................................................................................................................... 4
Figure 4
Multiple Register Sets Are Stored On-Chip .................................................................................. 5
Figure 5
Connection Recommendation for LOCK .................................................................................... 11
Figure 6
Typical Supply Current vs. Case Temperature ........................................................................... 12
Figure 7
Typical Current vs. Frequency (Room Temp) ............................................................................. 12
Figure 8
Typical Current vs. Frequency (Hot Temp) ................................................................................. 13
Figure 9
Capacitive Derating Curve ......................................................................................................... 13
Figure 10
Test Load Circuit for Three-State Output Pins ............................................................................ 13
Figure 11
Drive Levels and Timing Relationships for 80960SA Signals ..................................................... 15
Figure 12
Processor Clock Pulse (CLK2) ................................................................................................... 19
Figure 13
RESET Signal Timing ................................................................................................................. 19
Figure 14
HOLD Timing .............................................................................................................................. 20
Figure 15
80-Lead EIAJ Quad Flat Pack (QFP) Package .......................................................................... 21
Figure 16
84-Lead Plastic Leaded Chip Carrier (PLCC) Package ............................................................. 22
Figure 17
Non-Burst Read and Write Transactions Without Wait States .................................................... 28
Figure 18
Quad Word Burst Read Transaction With 1, 0, 0, 0, 0, 0, 0, 0 Wait States ................................ 29
Figure 19
Burst Write Transaction With 2, 1, 1, 1 Wait States (6-8 Bytes Transferred) .............................. 30
Figure 20
Accesses Generated by Quad Word Read Bus Request,
Misaligned One Byte from Quad Word Boundary 1, 0, 0, 0, 0, 0, 0, 0 Wait States ..................... 31
Figure 21
Interrupt Acknowledge Cycle ...................................................................................................... 32
Figure 22
Cold Reset Waveform ................................................................................................................ 33
LIST OF TABLES
Table 1
80960SA Instruction Set .............................................................................................................. 3
Table 2
Memory Addressing Modes ......................................................................................................... 4
Table 3
80960SA Pin Description: Bus Signals ........................................................................................ 8
Table 4
80960SA Pin Description: Support Signals ................................................................................ 10
Table 5
DC Characteristics ..................................................................................................................... 14
Table 6
80960SA AC Characteristics (10 MHz) ...................................................................................... 16
Table 7
80960SA AC Characteristics (16 MHz) ...................................................................................... 17
Table 8
80960SA AC Characteristics (20 MHz) ...................................................................................... 18
Table 9
80960SA QFP Pinout — In Pin Order ........................................................................................ 23
Table 10
80960SA QFP Pinout — In Signal Order ................................................................................... 24
Table 11
80960SA PLCC Pinout — In Pin Order ...................................................................................... 25
Table 12
80960SA PLCC Pinout — In Signal Order ................................................................................. 26
Table 13
80960SA QFP Package Thermal Characteristics ...................................................................... 27
Table 14
80960SA PLCC Package Thermal Characteristics .................................................................... 27
Table 15
Die Stepping Cross Reference ................................................................................................... 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com