Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 31 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 31 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 27Page - Intel Corporation 80960SA Datasheet HTML 28Page - Intel Corporation 80960SA Datasheet HTML 29Page - Intel Corporation 80960SA Datasheet HTML 30Page - Intel Corporation 80960SA Datasheet HTML 31Page - Intel Corporation 80960SA Datasheet HTML 32Page - Intel Corporation 80960SA Datasheet HTML 33Page - Intel Corporation 80960SA Datasheet HTML 34Page - Intel Corporation 80960SA Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
27
80960SA
3.4
Package Thermal Specifications
The 80960SA is specified for operation when case
temperature is within the range 0°C to +85°C (PLCC)
or 0°C to 100°C (QFP). Measure case temperature
at the top center of the package. Ambient temper-
ature can be calculated from:
TJ = TC + P*θJC
TA = TJ - P*θJA
TC = TA + P*[θJA−θJC]
Compute P by multiplying the maximum voltage by
the typical current at maximum temperature. Values
for
θ
JA and θJC for various airflows are given in Table
13 for the QFP package and in Table 14 for the
PLCC package. ICC at maximum temperature is
typically 80 percent of specified ICC maximum (cold).
Table 13. 80960SA QFP Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
50
100
200
400
600
800
θ Junction-to-Ambient (Case
measured in the middle of the
top of the package)
(No Heatsink)
59
57
54
50
44
40
38
θ Junction-to-Case
11
11
11
11
11
11
11
NOTES:
This table applies to 80960SA QFP soldered directly to board.
Table 14. 80960SA PLCC Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
50
100
200
400
600
800
1000
θ Junction-to-Ambient
(No Heatsink)
34
32
29.5
28
25
23
21
20.5
θ Junction-to-Case
12
12
12
12
12
12
12
12
NOTES:
This table applies to 80960SA PLCC soldered directly to board.
3.5
Stepping Register Information
Upon reset, register g0 contains die stepping infor-
mation. Table 15 shows the relationship between the
number in g0 and the current die stepping
The current numbering pattern in g0 may not be
consistent with past or future steppings of this
product.
Table 15. Die Stepping Cross Reference
Register g0
Die Stepping
01010101H
C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com