Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 28 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 28 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 24Page - Intel Corporation 80960SA Datasheet HTML 25Page - Intel Corporation 80960SA Datasheet HTML 26Page - Intel Corporation 80960SA Datasheet HTML 27Page - Intel Corporation 80960SA Datasheet HTML 28Page - Intel Corporation 80960SA Datasheet HTML 29Page - Intel Corporation 80960SA Datasheet HTML 30Page - Intel Corporation 80960SA Datasheet HTML 31Page - Intel Corporation 80960SA Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
24
80960SA
Table 10. 80960SA QFP Pinout — In Signal Order
Signal
Pin
Signal
Pin
Signal
Pin
Signal
Pin
A1
38
A18
5
D0
31
VCC
51
A2
35
A19
4
DEN
55
VCC
59
A3
34
A20
3
DT/R
56
VCC
61
AD1
30
A21
2
HLDA
50
VCC
73
AD2
29
A22
1
HOLD
53
VCC
77
AD3
28
A23
80
INT0
46
VCC
8
AD4
27
A24
79
INT1
47
VSS
13
AD5
26
A25
76
INT2/INTR
48
VSS
22
AD6
25
A26
75
INT3/INTA
49
VSS
24
AD7
20
A27
74
LOCK
58
VSS
32
AD8
19
A28
71
NC
39
VSS
37
AD9
18
A29
70
NC
63
VSS
43
AD10
17
A30
69
READY
67
VSS
52
AD11
16
A31
68
RESET
45
VSS
60
AD12
15
ALE
66
VCC
12
VSS
62
AD13
14
AS
64
VCC
21
VSS
72
AD14
11
BE0
41
VCC
23
VSS
78
AD15
10
BE1
40
VCC
33
VSS
9
A16
7
BLAST
57
VCC
36
VSS
65
A17
6
CLK2
44
VCC
42
W/R
54
NOTES:
Do not connect any external logic to any pins marked N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com