Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960SA Datasheet(PDF) 21 Page - Intel Corporation

Part # 80960SA
Description  EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960SA Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80960SA Datasheet HTML 17Page - Intel Corporation 80960SA Datasheet HTML 18Page - Intel Corporation 80960SA Datasheet HTML 19Page - Intel Corporation 80960SA Datasheet HTML 20Page - Intel Corporation 80960SA Datasheet HTML 21Page - Intel Corporation 80960SA Datasheet HTML 22Page - Intel Corporation 80960SA Datasheet HTML 23Page - Intel Corporation 80960SA Datasheet HTML 24Page - Intel Corporation 80960SA Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
17
80960SA
Table 7. 80960SA AC Characteristics (16 MHz)
Symbol
Parameter
Min
Max
Units
Notes
Input Clock
T1
Processor Clock Period (CLK2)
31.25
125
ns
VIN = 1.5V
T2
Processor Clock Low Time (CLK2)
8
ns
VT = 10% Point
=
VCL + (VCH – VCL) x 0.1
T3
Processor Clock High Time
(CLK2)
8
ns
VT = 90% Point
=
VCL + (VCH – VCL) x 0.9
T4
Processor Clock Fall Time (CLK2)
10
ns
VT = 90% to 10% Point (1)
T5
Processor Clock Rise Time (CLK2)
10
ns
VT = 10% to 90% Point (1)
Synchronous Outputs
T6
Output Valid Delay
2
25
ns
T6AS
AS Output Valid Delay
2
21
ns
T7
ALE Width
T1 - 11
ns
T8
ALE Output Valid Delay
2
22
ns
T9
Output Float Delay
2
20
ns
(2)
Synchronous Inputs
T10
Input Setup 1
10
ns
T11
Input Hold
2
ns
T12
Input Setup 2
13
ns
T13
Setup to ALE Inactive
10
ns
T14
Hold after ALE Inactive
8
ns
T15
RESET Hold
3
ns
(3)
T16
RESET Setup
5
ns
(3)
T17
RESET Width
1281
ns
41 CLK2 Periods Minimum
NOTES:
1. Processor clock (CLK2) rise time and fall time are not tested.
2. A float condition occurs when the maximum output current becomes less than ILO. Float delay is not tested, but should be
no longer than the valid delay.
3. Meeting RESET setup and hold times is an optional method of synchronizing your clocks. If you decide to use an asyn-
chronous reset, synchronizing the clock can be accomplished by using AS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com