Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7109CPL Datasheet HTML 1Page - Intersil Corporation ICL7109CPL Datasheet HTML 2Page - Intersil Corporation ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Pin Descriptions
PIN
SYMBOL
DESCRIPTION
1
GND
Digital Ground, 0V. Ground return for all digital logic.
2
STATUS
Output High during integrate and deintegrate until data is latched. Output Low when analog section
is in Auto-Zero configuration.
3
POL
Polarity - HI for positive input.
Three-State Output Data Bits
4
OR
Overrange - HI if overranged.
Three-State Output Data Bits
5
B12
Bit 12
(Most Significant Bit)
Three-State Output Data Bits
6
B11
Bit 11
High = True
Three-State Output Data Bits
7
B10
Bit 10
High = True
Three-State Output Data Bits
8
B9
Bit 9
High = True
Three-State Output Data Bits
9
B8
Bit 8
High = True
Three-State Output Data Bits
10
B7
Bit 7
High = True
Three-State Output Data Bits
11
B6
Bit 6
High = True
Three-State Output Data Bits
12
B5
Bit 5
High = True
Three-State Output Data Bits
13
B4
Bit 4
High = True
Three-State Output Data Bits
14
B3
Bit 3
High = True
Three-State Output Data Bits
15
B2
Bit 2
High = True
Three-State Output Data Bits
16
B1
Bit 1
(Least Significant Bit)
Three-State Output Data Bits
17
TEST
Input High - Normal Operation. Input Low - Forces all bit outputs high. Note: This input is used for
test purposes only. Tie high if not used.
18
LBEN
Low Byte Enable - With Mode (Pin 21) low, and CE/LOAD (Pin 20) low, taking this pin low activates
low order byte outputs B1 through B8.
With Mode (Pin 21) high, this pin serves as a low byte flag output used in handshake mode.
See Figures 7, 8, 9.
19
HBEN
High Byte Enable - With Mode (Pin 21) low, and CE/LOAD (Pin 20) low, taking this pin low activates
high order byte outputs B9 through B12, POL, OR.
With Mode (Pin 21) high, this pin serves as a high byte flag output used in handshake mode.
See Figures 7, 8, 9.
20
CE/LOAD
Chip Enable Load - With Mode (Pin 21) low. CE/LOAD serves as a master output enable. When
high, B1 through B12, POL, OR outputs are disabled.
With Mode (Pin 21) high, this pin serves as a load strobe used in handshake mode.
See Figures 7, 8, 9.
21
MODE
Input Low - Direct output mode where CE/LOAD (Pin 20), HBEN (Pin 19) and LBEN (Pin 18) act as
inputs directly controlling byte outputs.
Input Pulsed High - Causes immediate entry into handshake mode and output of data as in Figure 9.
Input High - Enables CE/LOAD (Pin 20), HBEN (Pin 19), and LBEN (Pin 18) as outputs, handshake
mode will be entered and data output as in Figures 7 and 8 at conversion completion.
22
OSC IN
Oscillator Input
23
OSC OUT
Oscillator Output
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com