Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 14 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 10Page - Intersil Corporation ICL7109CPL Datasheet HTML 11Page - Intersil Corporation ICL7109CPL Datasheet HTML 12Page - Intersil Corporation ICL7109CPL Datasheet HTML 13Page - Intersil Corporation ICL7109CPL Datasheet HTML 14Page - Intersil Corporation ICL7109CPL Datasheet HTML 15Page - Intersil Corporation ICL7109CPL Datasheet HTML 16Page - Intersil Corporation ICL7109CPL Datasheet HTML 17Page - Intersil Corporation ICL7109CPL Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
Handshake Mode
The handshake output mode is provided as an alternative
means of interfacing the ICL7109 to digital systems where the
A/D converter becomes active in controlling the flow of data
instead of passively responding to chip and byte enable
inputs. This mode is specifically designed to allow a direct
interface between the ICL7109 and industry-standard UARTs
(such as the Intersil IM6402/3) with no external logic required.
When triggered into the handshake mode, the ICL7109 pro-
vides all the control and flag signals necessary to sequentially
transfer two bytes of data into the UART and initiate their
transmission in serial form. This greatly eases the task and
reduces the cost of designing remote data acquisition stations
using serial data transmission.
Entry into the handshake mode is controlled by the MODE pin.
When the MODE terminal is held high, the ICL7109 will enter
the handshake mode after new data has been stored in the out-
put latches at the end of a conversion (See Figures 7 and 8).
The MODE terminal may also be used to trigger entry into the
handshake mode on demand. At any time during the conver-
sion cycle, the low to high transition of a short pulse at the
MODE input will cause immediate entry into the handshake
mode. If this pulse occurs while new data is being stored, the
entry into handshake mode is delayed until the data is stable.
While the converter is in the handshake mode, the MODE input
is ignored, and although conversions will still be performed,
data updating will be inhibited (See Figure 9) until the converter
completes the output cycle and clears the handshake mode.
When the converter enters the handshake mode, or when the
MODE input is high, the chip and byte enable terminals
become TTL-compatible outputs which provide the control
signals for the output cycle (See Figures 7, 8, and 9).
In handshake mode, the SEND input is used by the converter
as an indication of the ability of the receiving device (such as a
UART) to accept data.
Figure 7 shows the sequence of the output cycle with SEND
held high. The handshake mode (Internal MODE high) is
entered after the data latch pulse, and since MODE remains
high the CE/LOAD, LBEN and HBEN terminals are active as
outputs. The high level at the SEND input is sensed on the
same high to low internal clock edge that terminates the data
latch pulse. On the next low to high internal clock edge the
CE/LOAD and the HBEN outputs assume a low level, and the
high-order byte (Bits 9 through 12, POL, and OR) outputs are
enabled. The CE/LOAD output remains low for one full internal
clock period only, the data outputs remain active for 11/2 inter-
nal clock periods, and the high byte enable remains low for two
clock periods. Thus the CE/LOAD output low level or low to
high edge may be used as a synchronizing signal to ensure
valid data, and the byte enable as an output may be used as a
byte identification flag. With SEND remaining high the converter
completes the output cycle using CE/LOAD and LBEN while
the low order byte outputs (bits 1 through 8) are activated. The
handshake mode is terminated when both bytes are sent.
Figure 8 shows an output sequence where the SEND input is
used to delay portions of the sequence, or handshake to ensure
correct data transfer. This timing diagram shows the relation-
ships that occur using an industry-standard IM6402/3 CMOS
UART to interface to serial data channels. In this interface, the
SEND input to the ICL7109 is driven by the TBRE (Transmitter
Buffer Register Empty) output of the UART, and the CE/LOAD
terminal of the ICL7109 drives the TBRL (Transmitter Buffer
Register Load) input to the UART. The data outputs are paral-
leled into the eight Transmitter Buffer Register inputs.
FIGURE 6. DIRECT MODE OUTPUT TIMING
TABLE 1. DIRECT MODE TIMING REQUIREMENTS
(See Note 4 of Electrical Specifications)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
DATA
VALID
DATA
VALID
DATA
VALID
tCEA
tBEA
tDAB
tDHB
tDAC
tDHC
CE/LOAD
AS INPUT
HBEN
AS INPUT
LBEN
AS INPUT
HIGH BYTE
DATA
LOW BYTE
DATA
= HIGH IMPEDANCE
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com