Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 7 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation ICL7109CPL Datasheet HTML 10Page - Intersil Corporation ICL7109CPL Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Typical Integrator Amplifier Output Waveform (INT Pin)
AUTO ZERO PHASE
(COUNTS)
6143 - 2048
INTEGRATE
PHASE FIXED
2048 COUNTS
DE-INTEGRATE PHASE
0 - 4095 COUNTS
TOTAL CONVERSION TIME = 8192 x tCLOCK (IN FREE-RUN MODE)
FIGURE 1A. TYPICAL CONNECTION DIAGRAM UART INTERFACE-TO TRANSMIT LATEST RESULT, SEND ANY WORD TO UART
18
1
25
2
19
17
21
20
27
GND
BUF OSC
STATUS
HBEN
3 - 8
B9 - B12, POL,OR
9 - 16
TEST
LBEN
MODE
CE/LOAD
SEND
28
40
39
38
37
36
35
34
33
32
31
30
29
26
24
23
22
V+
REF IN -
REF CAP-
REF CAP+
REF IN+
IN HI
IN LO
COMMON
INT
AZ
BUF
REF OUT
V-
RUN/HOLD
OSC SEL
OSC OUT
OSC IN
GND
GND
+5V
1
µF
0.01
µF
0.33
µF
0.15
µF
CAZ
CINT
RINT
1M
Ω
3.58MHz
CRYSTAL
-
+
+
INPUT
GND
EXTERNAL
REFERENCE
-5V
GND
-
20k
Ω 0.2V REF
200k
Ω 2V REF
+5V OR OPEN
OUT
/
/
6
8
B1 - B8
1
2
3
4
13
14
15
16
20
25
V+
OSC CONTROL
GND
RRD
5 - 12
PE
FE
OE
SFD
RRI
TRO
18
40
17
39
38
37
36
35
34
31
24
19
23
22
21
XTAL
XTAL
EPE
CLS1
CLS2
SBS
PI
CLR
26 - 33
TRE
DRR
DR
TBRL
TBRE
MR
GND
GND
TBR 1 - 8
+5V
+5V
8
/
GND
1000pF
RBR 1 - 8
SERIAL
OUTPUT
SERIAL
INPUT
+5V
+5V
+5V
IM6403
CMOS UART
ICL7109
CMOS A/D CONVERTER
FOR LOWEST POWER CONSUMPTION
TBR1 - TBR8 INPUTS SHOULD HAVE 100k
Ω
PULLUP RESISTORS TO +5V
+5V
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com