Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 22 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 22 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 17Page - Intersil Corporation ICL7109CPL Datasheet HTML 18Page - Intersil Corporation ICL7109CPL Datasheet HTML 19Page - Intersil Corporation ICL7109CPL Datasheet HTML 20Page - Intersil Corporation ICL7109CPL Datasheet HTML 21Page - Intersil Corporation ICL7109CPL Datasheet HTML 22Page - Intersil Corporation ICL7109CPL Datasheet HTML 23Page - Intersil Corporation ICL7109CPL Datasheet HTML 24Page - Intersil Corporation ICL7109CPL Datasheet HTML 25Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
The applications of the ICL7109 are not limited to those
shown here. The purposes of these examples are to pro-
vide a starting point for users to develop useful systems
and to show some of the variety of interfaces and uses of
the combination. In particular the uses of the STATUS,
RUN/HOLD, and MODE signals may be mixed.
The following application notes contain very useful
information on understanding and applying this part and
are available from Intersil Corporation.
Application Notes
NOTE #
DESCRIPTION
AnswerFAX
DOC. #
AN016
“Selecting A/D Converters”
9016
AN017
“The Integrating A/D Converter”
9017
AN018
“Do’s and Don’ts of Applying A/D
Converters”
9018
AN030
“The ICL7104 - A Binary Output A/D
Converter for Microprocessors”
9030
AN032
“Understanding the Auto-Zero and
Common Mode Performance of the
ICL7136/7/9 Family”
9032
FIGURE 17. DIRECT INTERFACE - ICL7109 TO 8080/8085
MODE
ICL7109
B9 - B12
B1 - B8
RUN/HOLD
LBEN
HBEN
GND
ANALOG
IN
+5V
POL, OR
6
8
CE/LOAD
A14
A15
ADDRESS BUS
CONTROL BUS
RD
†
DATA BUS
8008, 8080, 8085
† MEMR OR IOR
FOR 8080/8228 SYSTEM
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com