Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 2Page - Intersil Corporation ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation ICL7109CPL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Design Information Summary Sheet
• OSCILLATOR FREQUENCY
fOSC = 0.45/RC
COSC > 50pF; ROSC > 50kΩ
fOSC (Typ) = 60kHz
or
fOSC (Typ) = 3.58MHz Crystal
• OSCILLATOR PERIOD
tOSC = RC/0.45
tOSC = 1/3.58MHz (Crystal)
• INTEGRATION CLOCK FREQUENCY
fCLOCK = fOSC (RC Mode)
fCLOCK = fOSC/58 (Crystal)
tCLOCK = 1/fCLOCK
• INTEGRATION PERIOD
tINT = 2048 x tCLOCK
• 60/50Hz REJECTION CRITERION
tINT/t60Hz or tlNT/t50Hz = Integer
• OPTIMUM INTEGRATION CURRENT
IINT = 20µA
• FULL-SCALE ANALOG INPUT VOLTAGE
VlNFS Typically = 200mV or 2V
• INTEGRATE RESISTOR
• INTEGRATE CAPACITOR
• INTEGRATOR OUTPUT VOLTAGE SWING
•VINT MAXIMUM SWING
(V- + 0.5V) < VINT < (V+ - 0.5V)
VINT (Typ) = 2V
• DISPLAY COUNT
• CONVERSION CYCLE
tCYC = tCL0CK x 8192
(In Free Run Mode, Run/HOLD = 1)
when fCLOCK = 60kHz, tCYC = 133ms
• COMMON MODE INPUT VOLTAGE
(V- + 2.0V) < VlN < (V+ - 2V)
• AUTO-ZERO CAPACITOR
0.01
µF < CAZ < 1µF
• REFERENCE CAPACITOR
0.1
µF < CREF < 1µF
•VREF
Biased between V+ and V-
VREF ≅ V+ - 2.8V
Regulation lost when V+ to V-
≤ 6.4V.
If VREF is not used, float output pin.
• POWER SUPPLY: DUAL
±5.0V
V+ = +5V to GND
V- = -5V to GND
• OUTPUT TYPE
Binary Amplitude with Polarity and Overrange Bits
Tips: Always tie TEST pin HIGH.
Don’t leave any inputs floating.
RINT
VINFS
IINT
-----------------
=
CINT
tINT
() IINT
()
VINT
--------------------------------
=
VINT
tINT
() IINT
()
CINT
--------------------------------
=
COUNT
2048
VIN
VREF
-----------------
×
=
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com