Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 20 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 16Page - Intersil Corporation ICL7109CPL Datasheet HTML 17Page - Intersil Corporation ICL7109CPL Datasheet HTML 18Page - Intersil Corporation ICL7109CPL Datasheet HTML 19Page - Intersil Corporation ICL7109CPL Datasheet HTML 20Page - Intersil Corporation ICL7109CPL Datasheet HTML 21Page - Intersil Corporation ICL7109CPL Datasheet HTML 22Page - Intersil Corporation ICL7109CPL Datasheet HTML 23Page - Intersil Corporation ICL7109CPL Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
Test Circuit
Typical Applications
Direct Mode Interfacing
Figure 12 shows some of the combinations of chip enable
and byte enable control signals which may be used when
interfacing the ICL7109 to parallel data lines. The CE/LOAD
input may be tied low, allowing either byte to be controlled by
its own enable as in Figure 12A. Figure 12B shows a config-
uration where the two byte enables are connected together.
In this configuration, the CE/LOAD serves as a chip enable,
and the HBEN and LBEN may be connected to GND or
serve as a second chip enable. The 14 data outputs will all
be enabled simultaneously. Figure 12C shows the HBEN
and LBEN as flag inputs, and CE/LOAD as a master enable,
which could be the READ strobe available from most micro-
processors.
Figure 13 shows an approach to interfacing several
ICL7109s to a bus, connecting the HBEN and LBEN signals
of several converters together, and using the CE/LOAD
inputs (perhaps decode from an address) to select the
desired converter.
Some practical circuits utilizing the parallel three-state output
capabilities of the ICL7109 are shown in Figures 14 through
19. Figure 14 shows a straightforward application to the Intel
8048/80/85 microprocessors via an 8255PPI, where the
ICL7109 data outputs are active at all times. The I/O ports of
an 8155 may be used in the same way. This interface can be
used in a read-anytime mode, although a read performed
while the data latches are being updated will lead to
scrambled data. This will occur very rarely, in the proportion of
set-up skew times to conversion time. One way to overcome
this is to read the STATUS output as well, and if it is high, read
the data again after a delay of more than 1/2 converter clock
period. If STATUS is now low, the second reading is correct,
and if it is still high, the first reading is correct. Alternatively,
this timing problem is completely avoided by using a read-
after-update sequence, as shown in Figure 15. Here the high
to low transition of the STATUS output drives an interrupt to
the microprocessor causing it to access the data latches. This
application also shows the RUN/HOLD input being used to ini-
tiate conversions under software control.
A similar interface to Motorola MC6800 or Rockwell R650X
systems is shown in Figure 16. The high to low transition of
the STATUS output generates an interrupt via the Control
Register B CB1 line. Note that CB2 controls the RUN/HOLD
pin through Control Register B, allowing software-controlled
initiation of conversions in this system as well.
The three-state output capability of the ICL7109 allows direct
interfacing to most microprocessor busses. Examples of this
are shown in Figures 17 and 18. It is necessary to carefully
consider the system in this type of interface, to be sure that
requirements for setup and hold times, and minimum pulse
widths are met. Note also the drive limitations on long buses.
Generally this type of interface is only favored if the memory
peripheral address density is low so that simple address
decoding can be used. Interrupt handling can also require
many additional components, and using an interface device
will usually simplify the system in this case.
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
GND
STATUS
POL
OR
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
TEST
LBEN
HBEN
CE/LOAD
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
V+
REF IN -
REF CAP-
REF CAP+
REF IN+
IN HI
IN LO
COMMON
INT
AZ
BUF
REF OUT
V-
SEND
RUN/HOLD
BUF OSC OUT
OSC SEL
OSC OUT
OSC IN
MODE
GND
HIGH
ORDER
BYTE
OUTPUTS
LOW
ORDER
BYTE
OUTPUTS
+5V
BYTE
CONTROL
INPUTS
GND
V+
+5V
1
µF
0.01
µF
0.33
µF
0.15
µF
CAZ
CINT
RINT†
1M
Ω
R1
1k
Ω
24k
Ω
3.5795MHz
TV CRYSTAL
†RINT = 20kΩ FOR 0.2V REF
= 200k
Ω FOR 2.0V REF
REF IN +
REF IN -
-
+
INPUT HIGH
INPUT LOW
GND
DIFFERENTIAL
REFERENCE
-5V
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com