Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7109CPL Datasheet HTML 1Page - Intersil Corporation ICL7109CPL Datasheet HTML 2Page - Intersil Corporation ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
®
November 2000
ICL7109
12-Bit, Microprocessor-
Compatible A/D Converter
Features
• 12-Bit Binary (Plus Polarity and Over-Range) Dual
Slope Integrating Analog-to-Digital Converter
• Byte-Organized, TTL Compatible Three-State Outputs
and UART Handshake Mode for Simple Parallel or
Serial Interfacing to Microprocessor Systems
• RUN/HOLD Input and STATUS Output Can Be Used to
Monitor and Control Conversion Timing
• True Differential Input and Differential Reference
• Low Noise (Typ) . . . . . . . . . . . . . . . . . . . . . . . . 15
µVP-P
• Input Current (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .1pA
• Operates At Up to 30 Conversions/s
• On-Chip Oscillator Operates with Inexpensive 3.58MHz
TV Crystal Giving 7.5 Conversions/s for 60Hz Rejec-
tion. May Also Be Used with An RC Network Oscillator
for Other Clock Frequencies
Description
The ICL7109 is a high performance, CMOS, low power
integrating A/D converter designed to easily interface with
microprocessors.
The output data (12 bits, polarity and over-range) may be
directly accessed under control of two byte enable inputs and a
chip select input for a single parallel bus interface. A UART
handshake mode is provided to allow the ICL7109 to work with
industry-standard UARTs in providing serial data transmission.
The RUN/HOLD input and STATUS output allow monitoring
and control of conversion timing.
The ICL7109 provides the user with the high accuracy, low
noise, low drift versatility and economy of the dual-slope
integrating A/D converter. Features like true differential input
and reference, drift of less than 1
µV/oC, maximum input bias
current of 10pA, and typical power consumption of 20mW
make the ICL7109 an attractive per-channel alternative to
analog multiplexing for many data acquisition applications.
Pinout
ICL7109
(CERDIP, PDIP, SBDIP)
TOP VIEW
Part Number Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
ICL7109MDL
-55 to 125
40 Ld SBDIP
D40.6
ICL7109IDL
-25 to 85
40 Ld SBDIP
D40.6
ICL7109IJL
-25 to 85
40 Ld CERDIP
F40.6
ICL7109CPL
0 to 70
40 Ld PDIP
E40.6
ICL7109MDL/883B
-55 to 125
40 Ld SBDIP
D40.6
ICL7109IPL
-25 to 85
40 Ld PDIP
E40.6
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
GND
STATUS
POL
OR
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
TEST
LBEN
HBEN
CE/LOAD
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
V+
REF IN -
REF CAP-
REF CAP+
REF IN+
IN HI
IN LO
COMMON
INT
AZ
BUF
REF OUT
V-
SEND
RUN/HOLD
BUF OSC OUT
OSC SEL
OSC OUT
OSC IN
MODE
File Number
3092.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
FOR
A PO
SSIB
LE S
UBST
ITUT
E PR
ODU
CT
conta
ct ou
r Tec
hnica
l Sup
port
Cent
er at
1-888
-INTE
RSIL
or ww
w.int
ersil.
com/
tsc
OBSO
LETE
PRO
DUCT


Similar Part No. - ICL7109CPL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7109CPL MAXIM-ICL7109CPL Datasheet
853Kb / 20P
12 Bit A/D Converter With 3-State Binary Outputs
logo
Intersil Corporation
ICL7109CPL INTERSIL-ICL7109CPL Datasheet
6Mb / 180P
Data Acquisition
More results

Similar Description - ICL7109CPL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD667 AD-AD667 Datasheet
327Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD767 AD-AD767 Datasheet
289Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV.A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667JNZ AD-AD667JNZ Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667 AD-AD667_15 Datasheet
759Kb / 8P
Microprocessor Compatible 12 bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com