Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 3 Page - Intersil Corporation

  ICL7109CPL Datasheet HTML 1Page - Intersil Corporation ICL7109CPL Datasheet HTML 2Page - Intersil Corporation ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Scale Factor Temperature Coefficient
VIN = 408.9mV = > 77708 Reading Ext. Ref. 0ppm/oC
(Note 4)
-
1
5
ppm/oC
REFERENCE VOLTAGE
Ref Out Voltage, VREF
Referred to V+, 25k
Ω Between V+ and REF OUT
-2.4
-2.8
-3.2
V
Ref Out Temperature Coefficient
25k
Ω Between V+ and REF OUT (Note 4)
-
80
-
ppm/oC
POWER SUPPLY CHARACTERISTICS
Supply Current V+ to GND, I+
VIN = 0V, Crystal Osc 3.58MHz Test Circuit
-
700
1500
µA
Supply Current V+ to V-, ISUPP
Pins 2 - 21, 25, 26, 27, 29; Open
-
700
1500
µA
Digital Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = 25oC, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL OUTPUTS
Output High Voltage, VOH
IOUT = 100µA Pins 2 - 16, 18, 19, 20
3.5
4.3
-
V
Output Low Voltage, VOL
IOUT = 1.6mA Pins 2 - 16, 18, 19, 20
-
±0.20
±0.40
V
Output Leakage Current
Pins 3 - 16 High Impedance
-
±0.01
±1
µA
Control I/O Pullup Current
Pins 18, 19, 20 VOUT = V+ -3V MODE Input at GND
(Note 4)
-5
-
µA
Control I/O Loading
HBEN Pin 19 LBEN Pin 18 (Note 4)
-
−
50
pF
DIGITAL INPUTS
Input High Voltage, VIH
Pins 18 - 21, 26, 27 Referred to GND
3.0
-
-
V
Input Low Voltage, VIL
Pins 18 - 21, 26, 27 Referred to GND
-
-
1
V
Input Pull-Up Current
Pins 26, 27 VOUT = (V+) -3V
-
5
-
µA
Input Pull-Up Current
Pins 17, 24 VOUT = (V+) -3V
-
25
-
µA
Input Pull-Down Current
Pin 21 VOUT = GND +3V
-
5
-
µA
TIMING CHARACTERISTICS
MODE Input Pulse Width, tW
(Note 4)
50
-
-
ns
NOTES:
1. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
2. Due to the SCR structure inherent in the process used to fabricate these devices, connecting any digital inputs or outputs to voltages
greater than V+ or less than GND may cause destructive device latchup. For this reason it is recommended that no inputs from sources
other than the same power supply be applied to the ICL7109 before its power supply is established, and that in multiple supply systems
the supply to the ICL7109 be activated first.
3. This limit refers to that of the package and will not be obtained during normal operation.
4. This parameter is not production tested, but is guaranteed by design.
5. Roll-over error for TA = -55oC to 125oC is ±10 counts (Max).
6. A full scale voltage of 2.048V is used because a full scale voltage of 4.096V exceeds the devices Common Mode Voltage Range.
7. For CERDIP package the Ratiometric error can be -4 (Min).
Analog Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = 25oC, fCLK = 3.58MHz,
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com