Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7109CPL Datasheet HTML 1Page - Intersil Corporation ICL7109CPL Datasheet HTML 2Page - Intersil Corporation ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
24
OSC SEL
Oscillator Select - Input high configures OSC IN, OSC OUT, BUF OSC OUT as RC oscillator - clock
will be same phase and duty cycle as BUF OSC OUT.
Input low configures OSC IN, OSC OUT for crystal oscillator - clock frequency will be 1/58 of
frequency at BUF OSC OUT.
25
BUF OSC OUT
Buffered Oscillator Output
26
RUN/HOLD
Input High - Conversions continuously performed every 8192 clock pulses.
Input Low - Conversion in progress completed, converter will stop in Auto-Zero 7 counts before
integrate.
27
SEND
Input - Used in handshake mode to indicate ability of an external device to accept data. Connect to
+5V if not used.
28
V-
Analog Negative Supply - Nominally -5V with respect to GND (Pin 1).
29
REF OUT
Reference Voltage Output - Nominally 2.8V down from V+ (Pin 40).
30
BUFFER
Buffer Amplifier Output.
31
AUTO-ZERO
Auto-Zero Node - Inside foil of CAZ.
32
INTEGRATOR
Integrator Output - Outside foil of CINT.
33
COMMON
Analog Common - System is Auto-Zeroed to COMMON.
34
INPUT LO
Differential Input Low Side.
35
INPUT HI
Differential Input High Side.
36
REF IN +
Differential Reference Input Positive.
37
REF CAP +
Reference Capacitor Positive.
38
REF CAP-
Reference Capacitor Negative.
39
REF IN-
Differential Reference Input Negative.
40
V+
Positive Supply Voltage - Nominally +5V with respect to GND (Pin 1).
NOTE: All digital levels are positive true.
Pin Descriptions (Continued)
PIN
SYMBOL
DESCRIPTION
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com