Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7109CPL Datasheet HTML 1Page - Intersil Corporation ICL7109CPL Datasheet HTML 2Page - Intersil Corporation ICL7109CPL Datasheet HTML 3Page - Intersil Corporation ICL7109CPL Datasheet HTML 4Page - Intersil Corporation ICL7109CPL Datasheet HTML 5Page - Intersil Corporation ICL7109CPL Datasheet HTML 6Page - Intersil Corporation ICL7109CPL Datasheet HTML 7Page - Intersil Corporation ICL7109CPL Datasheet HTML 8Page - Intersil Corporation ICL7109CPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2
Absolute Maximum Ratings
Thermal Information
Positive Supply Voltage (GND to V+). . . . . . . . . . . . . . . . . . . . +6.0V
Negative Supply Voltage (GND to V-) . . . . . . . . . . . . . . . . . . . . . -9V
Analog Input Voltage (Either Input) (Note 1) . . . . . . . . . . . . V+ to V-
Reference Input Voltage (Either Input) (Note 1) . . . . . . . . . . V+ to V-
Digital Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (V+) +0.3V
Pins 2-27 (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V
Operating Conditions
Temperature Range
M Suffix. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
I Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
C Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 75oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package. . . . . . . . . . . . . . . . . . . .
60
20
CERDIP Package . . . . . . . . . . . . . . . . . .
55
18
PDIP Package . . . . . . . . . . . . . . . . . . . . .
50
N/A
Maximum Junction Temperature (PDIP Package) . . . . . . . . . 150oC
Maximum Junction Temperature (CERDIP Package). . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s Max). . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Analog Electrical Specifications V+ = +5V, V- = -5V, GND = 0V, TA = 25oC, fCLK = 3.58MHz,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM PERFORMANCE
Oscillator Output Current
High, OOH
VOUT = 2.5V
-
1
-
mA
Low, OOL
VOUT = 2.5V
-
1.5
-
mA
Buffered Oscillator Output Current
High, BOOH
VOUT = 2.5V
-
2
-
mA
Low, BOOL
VOUT = 2.5V
-
5
-
mA
Zero Input Reading
VIN = 0.0000V, VREF = 204.8mV
-0000
±0000
+0000
Counts
Ratiometric Error
VlN = VREF, VREF = 204.8mV (Note 7)
-3
-
0
Counts
Non-Linearity
Full Scale = 409.6mV to 2.048mV
Maximum Deviation from Best Straight Line Fit, Over
Full Operating Temperature Range (Notes 4 and 6)
-1
±0.2
+1
Counts
Rollover Error
Full Scale = 409.6mV to 2.048V
Difference in Reading for Equal Positive and Negative
Inputs Near Full Scale (Notes 5 and 6), R1 = 0Ω
-1
±0.2
+1
Counts
Linearity
Full-Scale = 200mV or Full Scale = 2V Maximum
Deviation from Best Straight Line Fit (Note 4)
-
±0.2
±1
Counts
Common Mode Rejection Ratio, CMRR VCM = ±1V, VIN = 0V, Full Scale = 409.6mV
-
50
-
µV/V
Input Common Mode Range, VCMR
Input HI, Input LO, Common (Note 4)
(V-)
+2.0
-(V+)
-2.0
V
Noise, eN
VIN = 0V, Full-Scale = 409.6mV
(Peak-to-Peak Value Not Exceeded 95% of Time)
-15
-
µV
Leakage Current Input, IILK
VlN = 0V, All Devices at 25oC (Note 4)
-
1
10
pA
ICL7109CPL
0oC to 70oC (Note 4)
-
20
100
pA
ICL7109IDL
-25oC to 85oC (Note 4)
-
100
250
pA
ICL7109MDL
-55oC to 125oC-
2
100
nA
Zero Reading Drift
VlN = 0V, R1 - 0Ω (Note 4)
-
0.2
1
µV/oC
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com