Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7109CPL Datasheet(PDF) 21 Page - Intersil Corporation

Part # ICL7109CPL
Description  12-Bit, Microprocessor- Compatible A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7109CPL Datasheet(HTML) 21 Page - Intersil Corporation

Back Button ICL7109CPL Datasheet HTML 17Page - Intersil Corporation ICL7109CPL Datasheet HTML 18Page - Intersil Corporation ICL7109CPL Datasheet HTML 19Page - Intersil Corporation ICL7109CPL Datasheet HTML 20Page - Intersil Corporation ICL7109CPL Datasheet HTML 21Page - Intersil Corporation ICL7109CPL Datasheet HTML 22Page - Intersil Corporation ICL7109CPL Datasheet HTML 23Page - Intersil Corporation ICL7109CPL Datasheet HTML 24Page - Intersil Corporation ICL7109CPL Datasheet HTML 25Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
Handshake Mode Interfacing
The handshake mode allows ready interface with a wide
variety of external devices. For instance, external latches
may be clocked by the rising edge of CE/LOAD, and the byte
enables may be used as byte identification flags or as load
enables.
Figure 19 shows a handshake interface to Intel microproces-
sors again using an 8255PPI. The handshake operation with
the 8255 is controlled by inverting its Input Buffer Full (IBF)
flag to drive the SEND input to the ICL7109, and using the
CE/LOAD to drive the 8255 strobe. The internal control reg-
ister of the PPI should be sent in MODE 1 for the port used.
If the ICL7109 is in handshake mode and the 8255 IBF flag
is low, the next word will be strobed into the port. The strobe
will cause IBF to go high (SEND goes low), which will keep
the enable byte outputs active. The PPI will generate an
interrupt which when executed will result in the data being
read. When the byte is read, the IBF will be reset low, which
causes the ICL7109 to sequence into the next byte. This fig-
ure shows the MODE input to the ICL7109 connected to a
control line on the PPI. If this output is left high, or tied high
separately, the data from every conversion (provided the
data access takes less time than a conversion) will be
sequenced in two bytes into the system.
If this output is made to go from low to high, the output
sequence can be obtained on demand, and the interrupt
may be used to reset the MODE bit. Note that the
RUN/HOLD input to the ICL7109 may also be obtained on
command under software control. Note that one port of the
8255 is not used, and can service another peripheral device.
the same arrangement can also be used with the 8155.
Figure 20 shows a similar arrangement with the MC6800 or
MCS650X microprocessors, except that both MODE and
RUN/HOLD are tied high to save port outputs.
The handshake mode is particularly convenient for directly
interfacing to industry standard UARTs (such as the Intersil
IM6402 or Western Digital TR1602) providing a minimum
component count means of serially transmitting converted
data. A typical UART connection is shown in Figure 1A. In
this circuit, any word received by the UART causes the
UART DR (Data Ready) output to go high. This drives the
MODE input to the ICL7109 high, triggering the ICL7109 into
handshake mode. The high order byte is output to the UART
first, and when the UART has transferred the data to the
Transmitter Register, TBRE (SEND) goes high again, LBEN
will go high, driving the UART DRR (Data Ready Reset)
which will signal the end of the transfer of data from the
ICL7109 to the UART.
Figure 21 shows an extension of the one converter one
UART scheme to several ICL7109s with one UART. In this
circuit, the word received by the UART (available at the RBR
outputs when DR is high) is used to select which converter
will handshake with the UART. With no external compo-
nents, this scheme will allow up to eight ICL7109s to inter-
face with one UART. Using a few more components to
decode the received word will allow up to 256 converters to
be accessed on one serial line.
MC6820
GND
MODE
ICL7109
B9 - B12
POL, OR
B1 - B8
STATUS
RUN/HOLD
LBEN
HBEN
LOAD
CE/
GND
ANALOG
IN
PA0 - 5
PB0 - 7
CB1
CB2
CRB - -11R-01
MC680X
OR
MCS650X
ADDRESS
BUS
DATA
BUS
CONTROL
BUS
6
8
FIGURE 16. FULL-TIME PARALLEL INTERFACE TO MC680X OR MCS650X MICROPROCESSORS
ICL7109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com